Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # MB9B320TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button MB9B320TA Datasheet HTML 33Page - Cypress Semiconductor MB9B320TA Datasheet HTML 34Page - Cypress Semiconductor MB9B320TA Datasheet HTML 35Page - Cypress Semiconductor MB9B320TA Datasheet HTML 36Page - Cypress Semiconductor MB9B320TA Datasheet HTML 37Page - Cypress Semiconductor MB9B320TA Datasheet HTML 38Page - Cypress Semiconductor MB9B320TA Datasheet HTML 39Page - Cypress Semiconductor MB9B320TA Datasheet HTML 40Page - Cypress Semiconductor MB9B320TA Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 143 page
background image
Document Number: 002-05665 Rev. *D
Page 36 of 142
MB9B320TA Series
Pin
function
Pin name
Function description
Pin No
LQFP-176
LQFP-144
BGA-192
External
Interrupt
INT15_0
External interrupt request 15 input pin
83
-
M11
INT15_1
169
139
C5
INT15_2
68
60
L8
INT16_0
External interrupt request 16 input pin
106
-
H13
INT16_1
20
20
G2
INT17_0
External interrupt request 17 input pin
107
-
H12
INT17_1
21
21
G3
INT18_0
External interrupt request 18 input pin
108
-
H11
INT18_1
23
23
G5
INT19_0
External interrupt request 19 input pin
109
-
G13
INT19_1
24
24
G6
INT20_0
External interrupt request 20 input pin
110
-
G12
INT20_1
96
80
K12
INT21_0
External interrupt request 21 input pin
111
-
G11
INT21_1
98
82
K11
INT22_0
External interrupt request 22 input pin
112
-
G10
INT22_1
99
83
J13
INT23_0
External interrupt request 23 input pin
113
-
G9
INT23_1
74
66
M9
INT24_0
External interrupt request 24 input pin
79
-
L10
INT24_1
75
67
L9
INT25_0
External interrupt request 25 input pin
80
-
K10
INT25_1
101
85
J11
INT26_0
External interrupt request 26 input pin
143
-
D10
INT26_1
102
86
J10
INT27_0
External interrupt request 27 input pin
144
-
B9
INT27_1
103
87
J9
INT28_0
External interrupt request 28 input pin
25
-
H1
INT28_1
104
88
H10
INT29_0
External interrupt request 29 input pin
26
-
H2
INT29_1
105
89
H9
INT30_0
External interrupt request 30 input pin
139
-
C11
INT30_1
163
133
F7
INT31_0
External interrupt request 31 input pin
140
-
D11
INT31_1
164
134
B6
NMIX
Non-Maskable Interrupt input
128
104
C13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com