Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # MB9B320TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button MB9B320TA Datasheet HTML 40Page - Cypress Semiconductor MB9B320TA Datasheet HTML 41Page - Cypress Semiconductor MB9B320TA Datasheet HTML 42Page - Cypress Semiconductor MB9B320TA Datasheet HTML 43Page - Cypress Semiconductor MB9B320TA Datasheet HTML 44Page - Cypress Semiconductor MB9B320TA Datasheet HTML 45Page - Cypress Semiconductor MB9B320TA Datasheet HTML 46Page - Cypress Semiconductor MB9B320TA Datasheet HTML 47Page - Cypress Semiconductor MB9B320TA Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 143 page
background image
Document Number: 002-05665 Rev. *D
Page 43 of 142
MB9B320TA Series
Pin
function
Pin name
Function description
Pin No.
LQFP-176
LQFP-144
BGA-192
Multi
Function
Serial
4
SIN4_0
Multifunction serial interface ch.4
input pin
165
135
C6
SIN4_1
100
84
J12
SIN4_2
8
8
D3
SOT4_0
(SDA4_0)
Multifunction serial interface ch.4
output pin.
This pin operates as SOT4 when it is
used in a UART/CSIO/LIN (operation
modes 0 to 3) and as SDA4 when it is
used in an I2C (operation mode 4).
164
134
B6
SOT4_1
(SDA4_1)
101
85
J11
SOT4_2
(SDA4_2)
9
9
D4
SCK4_0
(SCL4_0)
Multifunction serial interface ch.4
clock I/O pin.
This pin operates as SCK4 when it is
used in a UART/CSIO (operation
modes 0 to 2) and as SCL4 when it is
used in an I2C (operation mode 4).
163
133
F7
SCK4_1
(SCL4_1)
102
86
J10
SCK4_2
(SCL4_2)
10
10
E2
RTS4_0
Multifunction serial interface ch.4 RTS
output pin
161
131
D7
RTS4_1
104
88
H10
RTS4_2
12
12
E4
CTS4_0
Multifunction serial interface ch.4 CTS
input pin
162
132
E7
CTS4_1
103
87
J9
CTS4_2
11
11
E3
Multi
Function
Serial
5
SIN5_0
Multifunction serial interface ch.5
input pin
169
139
C5
SIN5_1
141
-
B10
SIN5_2
34
26
J3
SOT5_0
(SDA5_0)
Multifunction serial interface ch.5
output pin.
This pin operates as SOT5 when it is
used in a UART/CSIO/LIN (operation
modes 0 to 3) and as SDA5 when it is
used in an I2C (operation mode 4).
168
138
B5
SOT5_1
(SDA5_1)
142
-
C10
SOT5_2
(SDA5_2)
35
27
J2
SCK5_0
(SCL5_0)
Multifunction serial interface ch.5
clock I/O pin.
This pin operates as SCK5 when it is
used in a UART/CSIO (operation
modes 0 to 2) and as SCL5 when it is
used in an I2C (operation mode 4).
167
137
E6
SCK5_1
(SCL5_1)
143
-
D10
SCK5_2
(SCL5_2)
36
28
K1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com