Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # MB9B320TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB9B320TA Datasheet HTML 1Page - Cypress Semiconductor MB9B320TA Datasheet HTML 2Page - Cypress Semiconductor MB9B320TA Datasheet HTML 3Page - Cypress Semiconductor MB9B320TA Datasheet HTML 4Page - Cypress Semiconductor MB9B320TA Datasheet HTML 5Page - Cypress Semiconductor MB9B320TA Datasheet HTML 6Page - Cypress Semiconductor MB9B320TA Datasheet HTML 7Page - Cypress Semiconductor MB9B320TA Datasheet HTML 8Page - Cypress Semiconductor MB9B320TA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 143 page
background image
Document Number: 002-05665 Rev. *D
Page 4 of 142
MB9B320TA Series
CRC (Cyclic Redundancy Check) Accelerator
The CRC accelerator calculates the CRC which has a heavy
software processing load, and achieves a reduction of the
integrity check processing load for reception data and storage.
CCITT CRC16 and IEEE-802.3 CRC32 are supported.
CCITT CRC16 Generator Polynomial: 0x1021
IEEE-802.3 CRC32 Generator Polynomial: 0x04C11DB7
Clock and Reset
[Clocks]
Selectable from five clock sources (2 external oscillators, 2
built-in CR oscillators, and Main PLL).
Main Clock:
4 MHz to 48 MHz
Sub Clock:
32.768 kHz
Built-in high-speed CR Clock:4 MHz
Built-in low-speed CR Clock: 100 kHz
Main PLL Clock
[Resets]
Reset requests from INITX pin
Power-on reset
Software reset
Watchdog timers reset
Low-voltage detection reset
Clock Super Visor reset
Clock Super Visor (CSV)
Clocks generated by built-in CR oscillators are used to
supervise abnormality of the external clocks.
If external clock failure (clock stop) is detected, reset is
asserted.
If external frequency anomaly is detected, interrupt or reset is
asserted.
Low-Voltage Detector (LVD)
This Series includes 2-stage monitoring of voltage on the VCC
pins. When the voltage falls below the voltage that has been
set, Low-Voltage Detector generates an interrupt or reset.
LVD1: error reporting via interrupt
LVD2: auto-reset operation
Low-Power Consumption Mode
Six low-power consumption modes supported.
SLEEP
TIMER
RTC
STOP
Deep standby RTC (selectable between keeping the value of
RAM and not)
Deep standby STOP (selectable between keeping the value
of RAM and not)
Debug
Serial Wire JTAG Debug Port (SWJ-DP)
Embedded Trace Macrocell (ETM)
Unique ID
Unique value of the device (41-bit) is set.
Power Supply
Wide range voltage:
VCC
= 2.7 V to 5.5 V
USBVCC = 3.0 V to 3.6 V (when USB is used)
= 2.7 V to 5.5 V (when GPIO is used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com