Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # MB9B320TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button MB9B320TA Datasheet HTML 45Page - Cypress Semiconductor MB9B320TA Datasheet HTML 46Page - Cypress Semiconductor MB9B320TA Datasheet HTML 47Page - Cypress Semiconductor MB9B320TA Datasheet HTML 48Page - Cypress Semiconductor MB9B320TA Datasheet HTML 49Page - Cypress Semiconductor MB9B320TA Datasheet HTML 50Page - Cypress Semiconductor MB9B320TA Datasheet HTML 51Page - Cypress Semiconductor MB9B320TA Datasheet HTML 52Page - Cypress Semiconductor MB9B320TA Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 143 page
background image
Document Number: 002-05665 Rev. *D
Page 48 of 142
MB9B320TA Series
Pin
function
Pin name
Function description
Pin No.
LQFP-176
LQFP-144
BGA-192
Multi
Function
Serial
14
SIN14_0
Multifunction serial interface ch.14
input pin
149
119
F9
SOT14_0
(SDA14_0)
Multifunction serial interface ch.14
output pin.
This pin operates as SOT14 when it is
used in a UART/CSIO/LIN (operation
modes 0 to 3) and as SDA14 when it
is used in an I2C (operation mode 4).
150
120
C8
SCK14_0
(SCL14_0)
Multifunction serial interface ch.14
clock I/O pin.
This pin operates as SCK14 when it is
used in a UART/CSIO (operation
modes 0 to 2) and as SCL14 when it
is used in an I2C (operation mode 4).
151
121
D8
Multi
Function
Serial
15
SIN15_0
Multifunction serial interface ch.15
input pin
153
123
A10
SOT15_0
(SDA15_0)
Multifunction serial interface ch.15
output pin.
This pin operates as SOT15 when it is
used in a UART/CSIO/LIN (operation
modes 0 to 3) and as SDA15 when it
is used in an I2C (operation mode 4).
154
124
F8
SCK15_0
(SCL15_0)
Multifunction serial interface ch.15
clock I/O pin.
This pin operates as SCK15 when it is
used in a UART/CSIO (operation
modes 0 to 2) and as SCL15 when it
is used in an I2C (operation mode 4).
155
125
B7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com