Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 125 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 125 Page - SPANSION

Back Button S71PL254 Datasheet HTML 121Page - SPANSION S71PL254 Datasheet HTML 122Page - SPANSION S71PL254 Datasheet HTML 123Page - SPANSION S71PL254 Datasheet HTML 124Page - SPANSION S71PL254 Datasheet HTML 125Page - SPANSION S71PL254 Datasheet HTML 126Page - SPANSION S71PL254 Datasheet HTML 127Page - SPANSION S71PL254 Datasheet HTML 128Page - SPANSION S71PL254 Datasheet HTML 129Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 196 page
background image
April 26, 2004 pSRAM_Type06_14_A0
pSRAM Type 6
125
Advance
I n f o rmatio n
pSRAM Type 6
2M Word by 16-bit Cmos Pseudo Static RAM (32M Density)
4M Word by 16-bit Cmos Pseudo Static RAM (64M Density)
Features
Single power supply voltage of 2.6 to 3.3 V
Direct TTL compatibility for all inputs and outputs
Deep power-down mode: Memory cell data invalid
Page operation mode:
— Page read operation by 8 words
Logic compatible with SRAM R/W () pin
Standby current
— Standby = 70 µA (32M)
— Standby = 100 µA (64M)
— Deep power-down Standby = 5 µA
Access Times
Pin Description
32M
64M
Access Time
70 ns
CE1# Access Time
70 ns
OE# Access Time
25 ns
Page Access Time
30 ns
Pin Name
Description
A0 to A21
Address Inputs
A0 to A2
Page Address Inputs
I/O1 to I/O16
Data Inputs/Outputs
CE1#
Chip Enable Input
CE2
Chip select Input
WE#
Write Enable Input
OE#
Output Enable Input
LB#,UB#
Data Byte Control Inputs
VDD
Power Supply
GND
Ground
NC
Not Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com