Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 183 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 183 Page - SPANSION

Back Button S71PL254 Datasheet HTML 179Page - SPANSION S71PL254 Datasheet HTML 180Page - SPANSION S71PL254 Datasheet HTML 181Page - SPANSION S71PL254 Datasheet HTML 182Page - SPANSION S71PL254 Datasheet HTML 183Page - SPANSION S71PL254 Datasheet HTML 184Page - SPANSION S71PL254 Datasheet HTML 185Page - SPANSION S71PL254 Datasheet HTML 186Page - SPANSION S71PL254 Datasheet HTML 187Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 196 page
background image
June 8, 2004 pSRAM_Type01_12_A0
pSRAM Type 1
183
Advance
I n f o rmatio n
Timing Diagrams
Read Cycle
twc
Write cycle time
70
20k
ns
tcw
Chipselect to end
of write
60
ns
tas
Address set up
Time
0ns
taw
Address valid to
end of write
60
ns
tbw
UB#, LB# valid
to end of write
60
ns
twp
Write pulse width
50
20k
ns
twr
Write recovery
time
0ns
twhz
Write to output
High-Z
5ns
tdw
Data to write
time overlap
20
ns
tdh
Data hold from
write time
0ns
tow
End write to
output Low-Z
5
tow
Write high pulse
width
7.5
ns
tpc
Page read cycle
20
20k
ns
tpa
Page address
access time
20
ns
twpc
Page write cycle
20
20k
ns
tcp
Chip select high
pulse width
10
ns
Figure 87. Timing of Read Cycle (CE# = OE# = VIL, WE# = ZZ# = VIH)
Page Mode
Performance Grade
-70
Density
64Mb pSRAM
3 Volt
Symbol
Parameter
Min
Max
Units
Address
Data Out
tRC
tAA
tOH
Data Valid
Previous Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com