Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3129 Datasheet HTML 2Page - Linear Technology LTC3129 Datasheet HTML 3Page - Linear Technology LTC3129 Datasheet HTML 4Page - Linear Technology LTC3129 Datasheet HTML 5Page - Linear Technology LTC3129 Datasheet HTML 6Page - Linear Technology LTC3129 Datasheet HTML 7Page - Linear Technology LTC3129 Datasheet HTML 8Page - Linear Technology LTC3129 Datasheet HTML 9Page - Linear Technology LTC3129 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTC3129
6
3129fc
For more information www.linear.com/LTC3129
Typical perForMance characTerisTics
Accurate RUN Threshold
vs Temperature (Normalized to 25°C)
Maximum Output Current
vs Temperature (Normalized to 25°C)
VCC Dropout Voltage vs Temperature
(PWM Mode, Switching)
VCC Dropout Voltage vs VIN
(PWM Mode, Switching)
Fixed Frequency PWM
Waveforms
TA = 25°C, unless otherwise noted.
Average Input Current Limit
vs MPPC Voltage
Burst Mode Threshold
vs VIN and VOUT
Switch RDS(ON) vs Temperature
TEMPERATURE (°C)
–45
1.3
1.2
1.1
1.0
0.8
0.7
0.6
0.5
0.9
0.4
–20
3129 G14
130
55
105
80
30
5
VCC = 2.5V
VCC = 3V
VCC = 4V
VCC = 5V
FB Voltage vs Temperature
(Normalized to 25°C)
VIN (V)
2
80
70
60
40
30
20
10
50
0
4
3129 G13
16
10
14
12
8
6
VOUT = 2.5V
VOUT = 3.3V
VOUT = 4.1V
VOUT = 5V
VOUT = 6.9V
VOUT = 8.2V
VOUT = 12V
VOUT = 15V
TEMPERATURE (°C)
–45
1.00
0.50
0.75
0
–0.50
–0.75
–0.25
0.25
–1.00
–20
3129 G15
130
55
105
80
30
5
TEMPERATURE (°C)
–45
2
0
–1
1
–2
–20
3129 G16
130
55
105
80
30
5
MPPC PIN VOLTAGE (V)
1.13
100
90
70
60
50
40
30
20
10
80
0
1.135
3129 G17
1.17
1.165
1.16
1.155
1.145 1.15
1.14
TEMPERATURE (°C)
–45
15
10
0
–5
5
–15
–10
–20
3129 G18
130
55
105
80
30
5
TEMPERATURE (°C)
–45
60
50
30
20
40
0
10
–20
3129 G19
130
55
105
80
30
5
VIN (V)
2
60
50
30
20
40
0
10
2.25
3129 G20
4
3
3.5 3.75
3.25
2.75
2.5
L = 10µH
VIN = 7V
VOUT = 5V
IOUT = 200mA
SW2
5V/DIV
SW1
5V/DIV
3129 G21
500ns/DIV
IL
200mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com