Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3129 Datasheet HTML 4Page - Linear Technology LTC3129 Datasheet HTML 5Page - Linear Technology LTC3129 Datasheet HTML 6Page - Linear Technology LTC3129 Datasheet HTML 7Page - Linear Technology LTC3129 Datasheet HTML 8Page - Linear Technology LTC3129 Datasheet HTML 9Page - Linear Technology LTC3129 Datasheet HTML 10Page - Linear Technology LTC3129 Datasheet HTML 11Page - Linear Technology LTC3129 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTC3129
8
3129fc
For more information www.linear.com/LTC3129
pin FuncTions
BST1 (Pin 1/Pin 15): Bootstrapped Floating Supply for
High Side NMOS Gate Drive. Connect to SW1 through a
22nF capacitor, as close to the part as possible. The value
is not critical. Any value from 4.7nF to 47nF may be used.
VIN(Pin2/Pin16):InputVoltagefortheConverter.Connect
a minimum of 4.7µF ceramic decoupling capacitor from
this pin to the ground plane, as close to the pin as possible.
VCC (Pin 3/Pin 1): Output voltage of the internal voltage
regulator. This is the supply pin for the internal circuitry.
Bypass this output with a minimum of 2.2µF ceramic
capacitor close to the pin. This pin may be back-driven by
an external supply, up to a maximum of 5.5V.
RUN (Pin 4/Pin 2): Input to the Run Comparator. Pull
this pin above 1.1V to enable the VCC regulator and above
1.28V to enable the converter. Connecting this pin to a
resistor divider from VIN to ground allows programming a
VIN start threshold higher than the 1.8V (typical) VIN UVLO
threshold. In this case, the typical VIN turn-on threshold is
determined by VIN = 1.22V • [1+(R3/R4)] (see Figure 2).
MPPC (Pin 5/Pin 3): Maximum Power Point Control Pro-
gramming Pin. Connect this pin to a resistor divider from
VINtogroundtoenabletheMPPCfunctionality.IftheVOUT
load is greater than what the power source can provide,
the MPPC will reduce the inductor current to regulate VIN
to a voltage determined by: VIN = 1.175V • [1+(R5/R6)]
(see Figure 3). By setting the VIN regulation voltage appro-
priately, maximum power transfer from the limited source
is assured. Note this pin is very noise sensitive, therefore
minimize trace length and stray capacitance. Please refer
to the Applications Information section for more detail
on programming the MPPC for different sources. If this
function is not needed, tie the pin to VCC.
GND (Pin 6/Pin 4): Signal Ground. Provide a short direct
PCB path between GND and the ground plane where the
exposed pad is soldered.
FB (Pin 7/Pin 5): Feedback Input to the Error Amplifier.
Connect to a resistor divider from VOUT to ground. The
output voltage can be adjusted from 1.4V to 15.75V by:
VOUT = 1.175V • [1+(R1/R2)]. Note this pin is very noise
sensitive, therefore minimize trace length and stray ca-
pacitance.
NC (Pins 8, 9/Pins 6, 7): Unused. These pins should be
grounded.
PWM (Pin 10/Pin 8): Mode Select Pin.
PWM = Low (ground): Enables automatic Burst Mode
operation.
PWM = High (tie to VCC): Fixed frequency PMW opera-
tion.
This pin should not be allowed to float. It has an internal
5M pull-down resistor.
PGOOD (Pin 11/Pin 9): Open drain output that pulls to
ground when FB drops too far below its regulated voltage.
Connect a pull-up resistor from this pin to a positive sup-
ply. This pin can sink up to the absolute maximum rating
of 15mA when low. Refer to the Operation section of the
data sheet for more detail.
VOUT (Pin 12/Pin 10): Output voltage of the converter.
Connectaminimumvalueof4.7µFceramiccapacitorfrom
this pin to the ground plane, as close to the pin as possible.
BST2 (Pin 13/Pin 11): Bootstrapped floating supply for
high side NMOS gate drive. Connect to SW2 through a
22nF capacitor, as close to the part as possible. The value
is not critical. Any value from 4.7nF to 47nF may be used.
SW2 (Pin 14/Pin 12): Switch Pin. Connect to one side of
the inductor. Keep PCB trace lengths as short and wide
as possible to reduce EMI.
PGND (Pin 15, Exposed Pad Pin 17/Pin 13, Exposed
Pad Pin 17): Power Ground. Provide a short direct PCB
path between PGND and the ground plane. The exposed
pad must also be soldered to the PCB ground plane. It
serves as a power ground connection, and as a means of
conducting heat away from the die.
SW1 (Pin 16/Pin 14): Switch Pin. Connect to one side of
the inductor. Keep PCB trace lengths as short and wide
as possible to reduce EMI.
(QFN/MSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com