Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 1 Page - Linear Technology

  LTC3129 Datasheet HTML 1Page - Linear Technology LTC3129 Datasheet HTML 2Page - Linear Technology LTC3129 Datasheet HTML 3Page - Linear Technology LTC3129 Datasheet HTML 4Page - Linear Technology LTC3129 Datasheet HTML 5Page - Linear Technology LTC3129 Datasheet HTML 6Page - Linear Technology LTC3129 Datasheet HTML 7Page - Linear Technology LTC3129 Datasheet HTML 8Page - Linear Technology LTC3129 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC3129
1
3129fc
For more information www.linear.com/LTC3129
Typical applicaTion
FeaTures
DescripTion
15V, 200mA Synchronous
Buck-Boost DC/DC Converter
with 1.3µA Quiescent Current
The LTC®3129 is a high efficiency, 200mA buck-boost
DC/DCconverterwithawideVINandVOUTrange.Itincludes
an accurate RUN pin threshold to allow predictable regula-
tor turn-on and a maximum power point control (MPPC)
capability that ensures maximum power extraction from
non-ideal power sources such as photovoltaic panels.
The LTC3129 employs an ultralow noise, 1.2MHz PWM
switchingarchitecturethatminimizessolutionfootprintby
allowing the use of tiny, low profile inductors and ceramic
capacitors. Built-in loop compensation and soft-start
simplify the design. For high efficiency operation at light
loads, automatic Burst Mode operation can be selected,
reducing the quiescent current to just 1.3µA.
Additional features include a power good output, less than
10nA of shutdown current and thermal shutdown.
The LTC3129 is available in thermally enhanced 3mm ×
3mm QFN and 16-lead MSOP packages. For fixed output
voltageoptions,seethefunctionallyequivalentLTC3129-1,
which eliminates the need for an external feedback divider.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
and PowerPath is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
applicaTions
n
Regulates VOUT Above, Below or Equal to VIN
n
Wide VIN Range: 2.42V to 15V, 1.92V to 15V After
Start-Up (Bootstrapped)
n
Wide VOUT Range: 1.4V to 15.75V
n
200mA Output Current in Buck Mode
n
Single Inductor
n
1.3µA Quiescent Current
n
Programmable Maximum Power Point Control
n
1.2MHz Ultralow Noise PWM
n
Current Mode Control
n
Pin Selectable Burst Mode® Operation
n
Up to 95% Efficiency
n
Accurate RUN Pin Threshold
n
Power Good Indicator
n
10nA Shutdown Current
n
Thermally Enhanced 3mm × 3mm QFN and
16-Lead MSOP Packages
n
Industrial Wireless Sensor Nodes
n
Post-Regulator for Harvested Energy
n
Solar Panel Post-Regulator/Charger
n
Intrinsically Safe Power Supplies
n
Wireless Microphones
n
Avionics-Grade Wireless Headsets
BST1
VOUT
VOUT
SW1
SW2
LTC3129
22nF
BST2
PGOOD
GND
FB
VCC
VIN
2.42V TO 15V
VIN
VCC
RUN
MPPC
PWM
22nF
10µH
10µF
10µF
10pF
2.2µF
3129 TA01a
PGND
3.32M
1.02M
5V AT 200mA, VIN > 5V
5V AT 100mA, VIN < 5V
Efficiency and Power Loss vs Load
100
OUTPUT CURRENT (mA)
0.01
70
80
90
50
30
20
60
40
10
0
1000
100
0.1
10
1
0.01
3129 TA01b
0.1
100
1000
10
1
VIN = 2.5V
VIN = 3.6V
VIN = 5V
VIN = 15V
EFFICIENCY
POWER LOSS
VOUT = 5V


Similar Part No. - LTC3129

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3129 LINEAR-LTC3129 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC3129 LINEAR-LTC3129 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC3129 LINEAR-LTC3129 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
LTC3129 LINEAR-LTC3129 Datasheet
754Kb / 24P
18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC3129 LINEAR-LTC3129 Datasheet
754Kb / 24P
18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
More results

Similar Description - LTC3129

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
15V, 2.5A Synchronous Buck-Boost DC/DC Converter
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3129-1 LINER-LTC3129-1 Datasheet
339Kb / 8P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
LTC3130EUD LINER-LTC3130EUD Datasheet
330Kb / 6P
25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
LTC3130EUD-1 LINER-LTC3130EUD-1 Datasheet
558Kb / 6P
25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3130 LINER-LTC3130 Datasheet
1Mb / 38P
25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com