Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3129 Datasheet HTML 6Page - Linear Technology LTC3129 Datasheet HTML 7Page - Linear Technology LTC3129 Datasheet HTML 8Page - Linear Technology LTC3129 Datasheet HTML 9Page - Linear Technology LTC3129 Datasheet HTML 10Page - Linear Technology LTC3129 Datasheet HTML 11Page - Linear Technology LTC3129 Datasheet HTML 12Page - Linear Technology LTC3129 Datasheet HTML 13Page - Linear Technology LTC3129 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTC3129
10
3129fc
For more information www.linear.com/LTC3129
operaTion
INTRODUCTION
TheLTC3129isa1.3µAquiescentcurrent,monolithic,cur-
rent mode, buck-boost DC/DC converter that can operate
overawideinputvoltagerangeof1.92Vto15Vandprovide
up to 200mA to the load. Internal, low RDS(ON) N-channel
power switches reduce solution complexity and maximize
efficiency.Aproprietaryswitchcontrolalgorithmallowsthe
buck-boostconvertertomaintainoutputvoltageregulation
with input voltages that are above, below or equal to the
output voltage. Transitions between the step-up or step-
down operating modes are seamless and free of transients
and sub-harmonic switching, making this product ideal
for noise sensitive applications. The LTC3129 operates
at a fixed nominal switching frequency of 1.2MHz, which
provides an ideal trade-off between small solution size and
high efficiency. Current mode control provides inherent
input line voltage rejection, simplified compensation and
rapid response to load transients.
Burst Mode capability is also included in the LTC3129 and
is user-selected via the PWM input pin. In Burst Mode
operation, the LTC3129 provides exceptional efficiency at
light output loading conditions by operating the converter
only when necessary to maintain voltage regulation. The
Burst Mode quiescent current is a miserly 1.3µA. At higher
loads, the LTC3129 automatically switches to fixed fre-
quencyPWMmodewhenBurstModeoperationisselected.
(Please refer to the Typical Performance Characteristics
curves for the mode transition point at different input and
output voltages.) If the application requires extremely low
noise, continuous PWM operation can also be selected
via the PWM pin.
A MPPC (maximum power point control) function is also
provided that allows the input voltage to the converter to
be servo'd to a programmable point for maximum power
when operating from various non-ideal power sources
such as photovoltaic cells. The LTC3129 also features
an accurate RUN comparator threshold with hysteresis,
allowing the buck-boost DC/DC converter to turn on and
off at user-selected VIN voltage thresholds. With a wide
voltage range, 1.3µA Burst Mode current and program-
mable RUN and MPPC pins, the LTC3129 is well suited
for many diverse applications.
PWM MODE OPERATION
IfthePWMpinishighoriftheloadcurrentontheconverter
is high enough to command PWM mode operation with
PWM low, the LTC3129 operates in a fixed 1.2MHz PWM
mode using an internally compensated average current
mode control loop. PWM mode minimizes output voltage
ripple and yields a low noise switching frequency spec-
trum.Aproprietaryswitchingalgorithmprovidesseamless
transitions between operating modes and eliminates dis-
continuitiesintheaverageinductorcurrent,inductorripple
current and loop transfer function throughout all modes of
operation.Theseadvantagesresultinincreasedefficiency,
improved loop stability and lower output voltage ripple in
comparison to the traditional buck-boost converter.
Figure 1 shows the topology of the LTC3129 power stage
which is comprised of four N-channel DMOS switches and
their associated gate drivers. In PWM mode operation
both switch pins transition on every cycle independent of
the input and output voltages. In response to the internal
control loop command, an internal pulse width modulator
generates the appropriate switch duty cycle to maintain
regulation of the output voltage.
Figure 1. Power Stage Schematic
A
VCC
BST1
CBST1
CBST2
L
BST2
VIN
VOUT
SW1
SW2
VCC
VCC
VCC
LTC3129
PGND
PGND
3129 F01
B
D
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com