Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC3129 Datasheet HTML 21Page - Linear Technology LTC3129 Datasheet HTML 22Page - Linear Technology LTC3129 Datasheet HTML 23Page - Linear Technology LTC3129 Datasheet HTML 24Page - Linear Technology LTC3129 Datasheet HTML 25Page - Linear Technology LTC3129 Datasheet HTML 26Page - Linear Technology LTC3129 Datasheet HTML 27Page - Linear Technology LTC3129 Datasheet HTML 28Page - Linear Technology LTC3129 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LTC3129
25
3129fc
For more information www.linear.com/LTC3129
Li-Ion Powered 3V Converter with 3.1V Input UVLO Reduces Low Battery IQ to 3µA
15V Converter Operates from Three to Eight AA or AAA Cells
Typical applicaTions
BST1
VOUT
VOUT
3V
200mA
SW1
SW2
LTC3129
22nF
BST2
PGOOD
FB
GND
VCC
VCC
VIN
Li-Ion
+
RUN
MPPC
PWM
NC
NC
22nF
4.7µH
2M
UVLO = 3.1V
1.27M
4.7µF
10pF
10µF
33pF
1.58M
2.2µF
3129 TA05
PGND
1.02M
VCC
BST1
VOUT
VOUT
15V
25mA MINIMUM
SW1
SW2
LTC3129
22nF
BST2
PGOOD
FB
GND
VCC
VIN
VIN
2.42V TO 15V
RUN
22nF
10µH
10µF
25V
3.01M
2.2µF
3129 TA06
PGND
THREE TO EIGHT
AA OR AAA
BATTERIES
MPPC
PWM
NC
NC
10µF
255k
22pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com