Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3129 Datasheet HTML 12Page - Linear Technology LTC3129 Datasheet HTML 13Page - Linear Technology LTC3129 Datasheet HTML 14Page - Linear Technology LTC3129 Datasheet HTML 15Page - Linear Technology LTC3129 Datasheet HTML 16Page - Linear Technology LTC3129 Datasheet HTML 17Page - Linear Technology LTC3129 Datasheet HTML 18Page - Linear Technology LTC3129 Datasheet HTML 19Page - Linear Technology LTC3129 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LTC3129
16
3129fc
For more information www.linear.com/LTC3129
operaTion
Figure 4. Typical 2-Layer PC Board Layout (MSE Package)
The MPPC pin controls the converter in a linear fashion
when using sources that can provide a minimum of 5mA
to 10mA of continuous input current. For operation from
weaker input sources, refer to the Applications Informa-
tion section to see how the programmable RUN pin can
be used to control the converter in a hysteretic manner to
provide an effective MPPC function for sources that can
provide as little as 5µA or less. If the MPPC function is not
required, the MPPC pin should be tied to VCC.
Thermal Considerations
The power switches of the LTC3129 are designed to oper-
ate continuously with currents up to the internal current
limit thresholds. However, when operating at high current
levels, there may be significant heat generated within the
IC. In addition, the VCC regulator can also generate wasted
heat when VIN is very high, adding to the total power
dissipation of the IC. As described elsewhere in this data
sheet, bootstrapping of the VCC for 5V output applications
can essentially eliminate the VCC power dissipation term
and significantly improve efficiency. As a result, careful
consideration must be given to the thermal environment
of the IC in order to provide a means to remove heat from
the IC and ensure that the LTC3129 is able to provide its
full rated output current. Specifically, the exposed die
attach pad of both the QFN and MSE packages must be
soldered to a copper layer on the PCB to maximize the
conduction of heat out of the IC package. This can be ac-
complished by utilizing multiple vias from the die attach
pad connection underneath the IC package to other PCB
layer(s) containing a large copper plane. A typical board
layout incorporating these concepts is shown in Figure 4.
IftheICdietemperatureexceedsapproximately180°C,over
temperature shutdown will be invoked and all switching
will be inhibited. The part will remain disabled until the die
temperature cools by approximately 10°C. The soft-start
circuit is re-initialized in overtemperature shutdown to
provide a smooth recovery when the IC die temperature
cools enough to resume operation.
GND
VIN
VCC
GND
VOUT
COUT
CIN
L
3129 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com