Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3129 Datasheet HTML 3Page - Linear Technology LTC3129 Datasheet HTML 4Page - Linear Technology LTC3129 Datasheet HTML 5Page - Linear Technology LTC3129 Datasheet HTML 6Page - Linear Technology LTC3129 Datasheet HTML 7Page - Linear Technology LTC3129 Datasheet HTML 8Page - Linear Technology LTC3129 Datasheet HTML 9Page - Linear Technology LTC3129 Datasheet HTML 10Page - Linear Technology LTC3129 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTC3129
7
3129fc
For more information www.linear.com/LTC3129
Fixed Frequency Ripple on VOUT
Typical perForMance characTerisTics
Step Load Transient Response in
Fixed Frequency
Step Load Transient Response in
Burst Mode Operation
PGOOD Response to a Drop
On VOUT
Burst Mode Waveforms
Burst Mode Ripple on VOUT
Start-Up Waveforms
TA = 25°C, unless otherwise noted.
MPPC Response to a Step Load
L = 10µH
VIN = 7V
VOUT = 5V
IOUT = 200mA
COUT = 10µF
3129 G22
200ns/DIV
IL
200mA/DIV
VOUT
20mV/DIV
L = 10µH
VIN = 7V
VOUT = 5V
IOUT = 5mA
COUT = 22µF (WITH THE RECOMMENDED
FEEDFORWARD CAPACITOR)
3129 G24
100µs/DIV
IL
100mA/DIV
VOUT
100mV/DIV
VIN = 7V
VOUT = 5V
IOUT = 50mA
COUT = 22µF
3129 G25
1ms/DIV
IVIN
200mA/DIV
VOUT
5V/DIV
VCC
5V/DIV
RUN
5V/DIV
L = 10µH
VIN = 7V
VOUT = 5V
COUT = 10µF
IOUT = 50mA to 150mA STEP
3129 G26
500µs/DIV
IVOUT
100mA/DIV
VOUT
100mV/DIV
L = 10µH
VIN = 7V
VOUT = 5V
COUT = 22µF (WITH THE RECOMMENDED
FEEDFORWARD CAPACITOR)
IOUT = 5mA to 125mA STEP
3129 G27
500µs/DIV
IVOUT
100mA/DIV
VOUT
100mV/DIV
VOUT = 5V
3129 G28
1ms/DIV
PGOOD
2V/DIV
VOUT
2V/DIV
VIN = 5VOC
VMPPC SET TO 3.5V
CIN = 22µF, RIN = 10,
VOUT = 5V, COUT = 22µF
IOUT = 25mA to 125mA STEP
3129 G29
2ms/DIV
IVOUT
100mA/DIV
VOUT
2V/DIV
VIN
2V/DIV
L = 10µH
VIN = 7V
VOUT = 5V
IOUT = 5mA
COUT = 22µF
3129 G23
50µs/DIV
IL
200mA/DIV
SW2
5V/DIV
SW1
5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com