Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 4 Page - Linear Technology

  LTC3129 Datasheet HTML 1Page - Linear Technology LTC3129 Datasheet HTML 2Page - Linear Technology LTC3129 Datasheet HTML 3Page - Linear Technology LTC3129 Datasheet HTML 4Page - Linear Technology LTC3129 Datasheet HTML 5Page - Linear Technology LTC3129 Datasheet HTML 6Page - Linear Technology LTC3129 Datasheet HTML 7Page - Linear Technology LTC3129 Datasheet HTML 8Page - Linear Technology LTC3129 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC3129
4
3129fc
For more information www.linear.com/LTC3129
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3129 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3129E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3129I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The junction temperature (TJ) is calculated from the
ambient temperature (TA) and power dissipation (PD) according to the
formula: TJ = TA + (PD • θJA°C/W), where θJA is the package thermal
impedance. Note that the maximum ambient temperature consistent
with these specifications, is determined by specific operating conditions
in conjunction with board layout, the rated thermal package thermal
resistance and other environmental factors.
Note 3: Specification is guaranteed by design and not 100% tested in
production.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT UV Hysteresis
150
mV
VOUT Current – Shutdown
RUN = 0V, VOUT = 15V Including Switch Leakage
10
100
nA
VOUT Current – Sleep
PWM = 0V, FB = 1.25V
10
nA
VOUT Current – Active
PWM = VCC, VOUT = 15V (Note 4), FB = 1.25V
5
9
µA
PGOOD Threshold, Falling
Referenced to Programmed VOUT Voltage
–5.5
–7.5
–10
%
PGOOD Hysteresis
Referenced to Programmed VOUT Voltage
2.5
%
PGOOD Voltage Low
ISINK = 1mA
250
300
mV
PGOOD Leakage
PGOOD = 15V
1
50
nA
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). Unless otherwise noted, VIN = 12V, VOUT = 5V.
Note 4: Current measurements are made when the output is not switching.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 6: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a much higher thermal resistance.
Note 7: Switch timing measurements are made in an open-loop test
configuration. Timing in the application may vary somewhat from these
values due to differences in the switch pin voltage during non-overlap
durations when switch pin voltage is influenced by the magnitude and
duration of the inductor current.
Note 8: Voltage transients on the switch pin(s) beyond the DC limits
specified in the Absolute Maximum Ratings are non-disruptive to normal
operation when using good layout practices as described elsewhere in the
data sheet and application notes and as seen on the product demo board.
Efficiency, VOUT = 2.5V
Efficiency, VOUT = 3.3V
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted.
Power Loss, VOUT = 2.5V
OUTPUT CURRENT (mA)
0.01
100
90
70
50
40
80
60
30
20
10
0
10
0.1
3129 G01
1000
1
100
VIN = 2.5V
VIN = 3.6V
VIN = 5V
VIN = 10V
VIN = 15V
BURST
PWM
OUTPUT CURRENT (mA)
0.01
100
90
70
50
40
80
60
30
20
10
0
10
0.1
3129 G03
1000
1
100
VIN = 2.5V
VIN = 3.6V
VIN = 5V
VIN = 10V
VIN = 15V
PWM
BURST
OUTPUT CURRENT (mA)
0.01
1000
100
10
1
0.1
0.01
10
0.1
3129 G02
1000
1
100
VIN = 2.5V
VIN = 3.6V
VIN = 5V
VIN = 10V
VIN = 15V
BURST
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com