Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3129 Datasheet HTML 22Page - Linear Technology LTC3129 Datasheet HTML 23Page - Linear Technology LTC3129 Datasheet HTML 24Page - Linear Technology LTC3129 Datasheet HTML 25Page - Linear Technology LTC3129 Datasheet HTML 26Page - Linear Technology LTC3129 Datasheet HTML 27Page - Linear Technology LTC3129 Datasheet HTML 28Page - Linear Technology LTC3129 Datasheet HTML 29Page - Linear Technology LTC3129 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTC3129
30
3129fc
For more information www.linear.com/LTC3129
LINEAR TECHNOLOGY CORPORATION 2013
LT 1015 REV C • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3129
relaTeD parTs
Typical applicaTion
Dual VIN Application, Using the LTC4412 PowerPath™ Controller
PART NUMBER DESCRIPTION
COMMENTS
LTC3103
15V, 300mA Synchronous Step-Down DC/DC Converter with
Ultralow Quiescent Current
VIN(MIN) = 2.2V, VIN(MAX) = 15V, VOUT(MIN) = 0.8V, IQ = 1.8µA,
ISD <1µA, 3mm × 3mm DFN-10, MSOP-10 Packages
LTC3104
15V, 300mA Synchronous Step-Down DC/DC Converter with
Ultralow Quiescent Current and 10mA LDO
VIN(MIN) = 2.2V, VIN(MAX) = 15V, VOUT(MIN) = 0.8V, IQ = 2.8µA,
ISD <1µA, 4mm × 3mm DFN-14, MSOP-16 Packages
LTC3105
400mA Step-up Converter with MPPC and 250mV Start-Up
VIN(MIN) = 0.2V, VIN(MAX) = 5V, VOUT(MIN) = 0 5.25VMAX, IQ = 22µA,
ISD <1µA, 3mm × 3mm DFN-10/MSOP-12 Packages
LTC3112
15V, 2.5A, 750kHz Monolithic Synch Buck/Boost
VIN(MIN) = 2.7V, VIN(MAX) = 15V, VOUT(MIN) = 2.7V to 14V, IQ = 50µA,
ISD <1µA, 4mm × 5mm DFN-16 TSSOP-20E Packages
LTC3115-1
40V, 2A, 2MHz Monolithic Synch Buck/Boost
VIN(MIN) = 2.7V, VIN(MAX) = 40V, VOUT(MIN) = 2.7V to 40V, IQ = 50µA,
ISD <1µA, 4mm × 5mm DFN-16 and TSSOP-20E Packages
LTC3531
5.5V, 200mA, 600kHz Monolithic Synch Buck/Boost
VIN(MIN) = 1.8V, VIN(MAX) = 5.5V, VOUT(MIN) = 2V to 5V, IQ = 16µA,
ISD <1µA, 3mm × 3mm DFN-8 and ThinSOT Packages
LTC3388-1/
LTC3388-3
20V, 50mA High Efficiency Nano Power Step-Down Regulator
VIN(MIN) = 2.7V, VIN(MAX) =20V, VOUT(MIN) = Fixed 1.1V to 5.5V,
IQ = 720nA, ISD = 400nA, 3mm × 3mm DFN-10, MSOP-10 Packages
LTC3108/
LTC3108-1
Ultralow Voltage Step-Up Converter and Power Manager
VIN(MIN) = 0.02V, VIN(MAX) = 1V, VOUT(MIN) = Fixed 2.35V to 5V,
IQ = 6µA, ISD <1µA, 3mm × 4mm DFN-12, SSOP-16 Packages
LTC3109
Auto-Polarity, Ultralow Voltage Step-Up Converter and Power
Manager
VIN(MIN) = 0.03V, VIN(MAX) = 1V, VOUT(MIN) = Fixed 2.35V to 5V,
IQ = 7µA, ISD <1µA, 4mm × 4mm QFN-20, SSOP-20 Packages
LTC3588-1
Piezo Electric Energy Harvesting Power Supply
VIN(MIN) = 2.7V, VIN(MAX) = 20V, VOUT(MIN) = Fixed 1.8V to 3.6V,
IQ = 950nA, ISD 450nA, 3mm × 3mm DFN-10, MSOP-10E Packages
LTC4070
Li-Ion/Polymer Low Current Shunt Battery Charger System
VIN(MIN) = 450nA to 50mA, VFLOAT + 4.0V, 4.1V, 4.2V, IQ = 300nA,
2mm × 3mm DFN-8, MSOP-8 Packages
BST1
VOUT
VOUT
12V
SW1
SW2
LTC3129
22nF
BST2
PGOOD
FB
GND
VCC
VCC
VIN
RUN
MPPC
PWM
NC
NC
22nF
MBR0520
FDN338
BSS314
10µH
10µF
12V WALL ADAPTER INPUT
10µF
25V
3.01M
2.2µF
3129 TA08
PGND
VIN = 12V, IOUT = 200mA
VIN = 3.6V, IOUT = 50mA
324k
LTC4412
GND
VIN
CTL
Li-Ion
+
GATE
STAT
SENSE
10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com