Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3129 Datasheet HTML 5Page - Linear Technology LTC3129 Datasheet HTML 6Page - Linear Technology LTC3129 Datasheet HTML 7Page - Linear Technology LTC3129 Datasheet HTML 8Page - Linear Technology LTC3129 Datasheet HTML 9Page - Linear Technology LTC3129 Datasheet HTML 10Page - Linear Technology LTC3129 Datasheet HTML 11Page - Linear Technology LTC3129 Datasheet HTML 12Page - Linear Technology LTC3129 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LTC3129
9
3129fc
For more information www.linear.com/LTC3129
block DiagraM
3129 BD
LDO
VREF
START
VREF
VCC
VCC
VCC_GD
START
START
4.1V
1.175V
VREF
+
–
SD
UVLO
+
–
–
+
+
–
–
+
THERMAL
SHUTDOWN
+
–
–
+
PWM
600mV
–7.5%
OSC
GND
SLEEP
100mV
RESET
ENABLE
ILIM
IZERO
ISENSE
20mA
ISENSE
VREF_GD
500mA
PGND
CLAMP
1.175V
–
+
–
+
–
+
–
+
DRIVER
DRIVER
DRIVER
DRIVER
ISENSE
ISENSE
DRV_C
1.1V
UV
NC
VOUT
VCC
VOUT
NC
FB
DRV_D
DRV_B
DRV_A
ISENSE
LOGIC
PGOOD
SOFT-START
+
–
MPPC
RUN
VCC
VIN
VIN
BST1
SW1
SW2
D
C
A
B
BST2
PWM
SLEEP
VIN
0.9V
1.22V
1.175V
1.175V
VC
5M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com