Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC3129 Datasheet HTML 22Page - Linear Technology LTC3129 Datasheet HTML 23Page - Linear Technology LTC3129 Datasheet HTML 24Page - Linear Technology LTC3129 Datasheet HTML 25Page - Linear Technology LTC3129 Datasheet HTML 26Page - Linear Technology LTC3129 Datasheet HTML 27Page - Linear Technology LTC3129 Datasheet HTML 28Page - Linear Technology LTC3129 Datasheet HTML 29Page - Linear Technology LTC3129 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
LTC3129
26
3129fc
For more information www.linear.com/LTC3129
Typical applicaTions
Energy Harvesting Converter Operates from a Variety of Weak Sources
Solar Powered Converter Extends Battery Life in Low Power 3V Primary Battery Applications
Percentage of Added Battery Life vs Light Level and Load
(PowerFilm SP4.2-37, 30sq cm Panel)
LIGHT LEVEL (Lx)
100
1000
100
10
1
3129 TA09b
10,000
1,000
AVERAGE LOAD = 165µW
AVERAGE LOAD = 330µW
AVERAGE LOAD = 660µW
AVERAGE LOAD = 1650µW
AVERAGE LOAD = 3300µW
VCC
BST1
VOUT
VOUT
5V
SW1
SW2
LTC3129
22nF
BST2
PGOOD
FB
GND
VCC
VIN
BAS 70-05
UVLO = 3.3V
RUN
22nF
4.7µH
10µF
3.32M
2.2µF
3129 TA07
PGND
MPPC
PWM
NC
NC
100µF
CERAMIC
1.02M
4.99M
3.01M
BAS 70-06
INPUT SOURCES:
• RF
• AC
• PIEZO
• COIL-MAGNET
10pF
22pF
BST1
VOUT
SW1
SW2
LTC3129
22nF
3.20V
BST2
PGOOD
FB
GND
VCC
VCC
VIN
RUN
MPPC
PWM
NC
NC
22nF
3.3µH
TOKO DEM2812C
10pF
2.2µF
VOUT
BAT54
470µF
6.3V
74LVC2G04
3129 TA09
PGND
FDC6312P
DUAL PMOS
PV PANEL
SANYO AM-1815
OR
PowerFilm SP4.2-37
4.7µF
VIN
UVLO = 3.7V
4.99M
4.22M
2.43M
D1
D2
S2
S1
G2
CR2032
3V COIN CELL
VOUT
3V TO 3.2V
G1
2.43M
22µF
R4
2.43M
15pF
2.2µF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com