Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 3 Page - Linear Technology

  LTC3129 Datasheet HTML 1Page - Linear Technology LTC3129 Datasheet HTML 2Page - Linear Technology LTC3129 Datasheet HTML 3Page - Linear Technology LTC3129 Datasheet HTML 4Page - Linear Technology LTC3129 Datasheet HTML 5Page - Linear Technology LTC3129 Datasheet HTML 6Page - Linear Technology LTC3129 Datasheet HTML 7Page - Linear Technology LTC3129 Datasheet HTML 8Page - Linear Technology LTC3129 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTC3129
3
3129fc
For more information www.linear.com/LTC3129
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). Unless otherwise noted, VIN = 12V, VOUT = 5V.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Start-Up Voltage
l
2.25
2.42
V
Input Voltage Range
VCC > 2.42V (Back-Driven)
l
1.92
15
V
VIN UVLO Threshold (Rising)
VCC > 2.42V (Back-Driven)
l
1.8
1.9
2.0
V
VIN UVLO Hysteresis
l
80
100
130
mV
Output Voltage Adjust Range
l
1.4
15.75
V
Feedback Voltage
l
1.151
1.175
1.199
V
Feedback Input Current
FB = 1.25V
0.1
10
nA
Quiescent Current (VIN) – Shutdown
RUN = 0V, Including Switch Leakage
10
100
nA
Quiescent Current (VIN) UVLO
Either VIN or VCC Below Their UVLO Threshold, or
RUN Below the Threshold to Enable Switching
1.9
3
µA
Quiescent Current – Burst Mode Operation
Measured on VIN, FB > 1.25V
PWM = 0V, RUN = VIN
1.3
2.0
µA
N-Channel Switch Leakage on VIN and VOUT
SW1 = 0V, VIN = 15V
SW2 = 0V, VOUT = 15V
RUN = 0V
10
50
nA
N-Channel Switch On-Resistance
VCC = 4V
0.75
Ω
Inductor Average Current Limit
VOUT > UV Threshold (Note 4)
VOUT < UV Threshold (Note 4)
l
l
220
80
275
130
350
200
mA
mA
Inductor Peak Current Limit
(Note 4)
l
400
500
680
mA
Maximum Boost Duty Cycle
FB = 1.10V. Percentage of Period SW2 is Low in
Boost Mode (Note 7)
l
85
89
95
%
Minimum Duty Cycle
FB = 1.25V. Percentage of Period SW1 is High in
Buck Mode (Note 7)
l
0
%
Switching Frequency
PWM = VCC
l
1.0
1.2
1.4
MHz
SW1 and SW2 Minimum Low Time
(Note 3)
90
ns
MPPC Voltage
l
1.12
1.175
1.22
V
MPPC Input Current
MPPC = 5V
1
10
nA
RUN Threshold to Enable VCC
l
0.5
0.9
1.15
V
RUN Threshold to Enable Switching (Rising)
VCC > 2.4V
l
1.16
1.22
1.28
V
RUN (Switching) Threshold Hysteresis
50
80
120
mV
RUN Input Current
RUN = 15V
1
10
nA
PWM Input High
l
1.6
V
PWM Input Low
l
0.5
V
PWM Input Current
PWM = 5V
0.1
1
µA
Soft-Start Time
3
ms
VCC Voltage
VIN > 4.85V
l
3.4
4.1
4.7
V
VCC Dropout Voltage (VIN – VCC)
VIN = 3.0V, Switching
VIN = 2.0V (VCC in UVLO)
35
0
60
2
mV
mV
VCC UVLO Threshold (Rising)
l
2.1
2.25
2.42
V
VCC UVLO Hysteresis
60
mV
VCC Current Limit
VCC = 0V
l
4
20
60
mA
VCC Back-Drive Voltage (Maximum)
l
5.5
V
VCC Input Current (Back-Driven)
VCC = 5.5V (Switching)
2
4
mA
VCC Leakage to VIN if VCC > VIN
VCC = 5.5V, VIN = 1.8V, Measured on VIN
–27
µA
VOUT UV Threshold (Rising)
l
0.95
1.15
1.35
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com