Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 5 Page - Linear Technology

  LTC3129 Datasheet HTML 1Page - Linear Technology LTC3129 Datasheet HTML 2Page - Linear Technology LTC3129 Datasheet HTML 3Page - Linear Technology LTC3129 Datasheet HTML 4Page - Linear Technology LTC3129 Datasheet HTML 5Page - Linear Technology LTC3129 Datasheet HTML 6Page - Linear Technology LTC3129 Datasheet HTML 7Page - Linear Technology LTC3129 Datasheet HTML 8Page - Linear Technology LTC3129 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTC3129
5
3129fc
For more information www.linear.com/LTC3129
Typical perForMance characTerisTics
Efficiency, VOUT = 12V
Maximum Output Current
vs VIN and VOUT
Efficiency, VOUT = 5V
TA = 25°C, unless otherwise noted.
Power Loss, VOUT = 3.3V
Power Loss, VOUT = 5V
Power Loss, VOUT = 12V
Efficiency, VOUT = 15V
Power Loss, VOUT = 15V
VIN (V)
2
250
200
150
100
50
0
13
3 4
3129 G11
15
10
14
11 12
8
5
9
6 7
VOUT = 2.5V
VOUT = 3.3V
VOUT = 4.1V
VOUT = 5V
VOUT = 6.9V
VOUT = 8.2V
VOUT = 12V
VOUT = 15V
No Load Input Current
vs VIN and VOUT (PWM = 0V)
OUTPUT CURRENT (mA)
0.01
100
90
70
50
40
80
60
30
20
10
0
10
0.1
3129 G05
1000
1
100
BURST
PWM
VIN = 2.5V
VIN = 3.6V
VIN = 5V
VIN = 10V
VIN = 15V
OUTPUT CURRENT (mA)
0.01
100
90
70
50
40
80
60
30
20
10
0
10
0.1
3129 G09
1000
1
100
PWM
BURST
VIN = 2.5V
VIN = 3.6V
VIN = 5V
VIN = 10V
VIN = 15V
OUTPUT CURRENT (mA)
0.01
1000
100
10
1
0.1
0.01
10
0.1
3129 G04
1000
1
100
BURST
PWM
VIN = 2.5V
VIN = 3.6V
VIN = 5V
VIN = 10V
VIN = 15V
OUTPUT CURRENT (mA)
0.01
1000
100
10
1
0.1
0.01
10
0.1
3129 G06
1000
1
100
PWM
BURST
VIN = 2.5V
VIN = 3.6V
VIN = 5V
VIN = 10V
VIN = 15V
OUTPUT CURRENT (mA)
0.01
100
90
70
50
40
40
80
60
30
20
10
0
10
0.1
3129 G07
1000
1
100
BURST
PWM
VIN = 2.5V
VIN = 3.6V
VIN = 5V
VIN = 10V
VIN = 15V
OUTPUT CURRENT (mA)
0.01
1000
100
10
1
0.1
0.01
10
0.1
3129 G08
1000
1
100
PWM
BURST
VIN = 2.5V
VIN = 3.6V
VIN = 5V
VIN = 10V
VIN = 15V
OUTPUT CURRENT (mA)
0.01
1000
100
10
1
0.1
0.01
10
0.1
3129 G10
1000
1
100
BURST
VIN = 2.5V
VIN = 3.6V
VIN = 5V
VIN = 10V
VIN = 15V
PWM
VIN (V)
2.5
30
25
20
15
10
5
0
12.5
3129 G12
14.5
10.5
4.5
8.5
6.5
VOUT = 2.5V
VOUT = 5V
VOUT = 10V
VOUT = 15V
FB DIVIDER CURRENT = 2µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com