Electronic Components Datasheet Search
  English  ▼

X  

LTC3129 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3129
Description  15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3129 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3129 Datasheet HTML 13Page - Linear Technology LTC3129 Datasheet HTML 14Page - Linear Technology LTC3129 Datasheet HTML 15Page - Linear Technology LTC3129 Datasheet HTML 16Page - Linear Technology LTC3129 Datasheet HTML 17Page - Linear Technology LTC3129 Datasheet HTML 18Page - Linear Technology LTC3129 Datasheet HTML 19Page - Linear Technology LTC3129 Datasheet HTML 20Page - Linear Technology LTC3129 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LTC3129
17
3129fc
For more information www.linear.com/LTC3129
applicaTions inForMaTion
A standard application circuit for the LTC3129 is shown on
the front page of this data sheet. The appropriate selection
of external components is dependent upon the required
performance of the IC in each particular application given
considerations and trade-offs such as PCB area, input
and output voltage range, output voltage ripple, transient
response, required efficiency, thermal considerations and
cost. This section of the data sheet provides some basic
guidelines and considerations to aid in the selection of
external components and the design of the applications
circuit, as well as more application circuit examples.
Programming VOUT
The output voltage of the LTC3129 is set by connecting
the FB pin to an external resistor divider from VOUT to
ground, as shown in Figure 5, according to the equation:
VOUT = 1.175V • (1+ R1/R2)
sible. VCC is the regulator output and is also the internal
supply pin for the LTC3129 control circuitry as well as the
gate drivers and boost rail charging diodes. The VCC pin is
not intended to supply current to other external circuitry.
Inductor Selection
ThechoiceofinductorusedinLTC3129applicationcircuits
influences the maximum deliverable output current, the
converterbandwidth,themagnitudeoftheinductorcurrent
ripple and the overall converter efficiency. The inductor
must have a low DC series resistance, when compared to
the internal switch resistance, or output current capabil-
ity and efficiency will be compromised. Larger inductor
values reduce inductor current ripple but may not increase
output current capability as is the case with peak current
mode control as described in the Maximum Output Cur-
rent section. Larger value inductors also tend to have a
higher DC series resistance for a given case size, which
will have a negative impact on efficiency. Larger values
of inductance will also lower the right half plane (RHP)
zero frequency when operating in boost mode, which can
compromise loop stability. Nearly all LTC3129 application
circuitsdeliverthebestperformancewithaninductorvalue
between 3.3µH and 10µH. Buck mode-only applications
can use the larger inductor values as they are unaffected
bytheRHPzero,whilemostlyboostapplicationsgenerally
require inductance on the low end of this range depending
on how large the step-up ratio is.
Regardless of inductor value, the saturation current rating
shouldbeselectedsuchthatitisgreaterthantheworst-case
averageinductorcurrentplushalfoftheripplecurrent.The
peak-to-peak inductor current ripple for each operational
mode can be calculated from the following formula, where
f is the switching frequency (1.2MHz), L is the inductance
in µH and tLOW is the switch pin minimum low time in
µs. The switch pin minimum low time is typically 0.09µs.
ΔIL(P−P)(BUCK) =
VOUT
L
VIN – VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
1
f
– tLOW
⎛
⎝
⎜
⎞
⎠
⎟ A
ΔIL(P−P)(BOOST) =
VIN
L
VOUT – VIN
VOUT
⎛
⎝
⎜
⎞
⎠
⎟
1
f
– tLOW
⎛
⎝
⎜
⎞
⎠
⎟ A
Figure 5. VOUT Feedback Divider
Asmallfeedforwardcapacitorcanbeaddedinparallelwith
R1 (in Figure 5) to reduce Burst Mode ripple and improve
transient response. Details on selecting a feedforward
capacitor are provided later in this data sheet.
VCC Capacitor Selection
The VCC output of the LTC3129 is generated from VIN by a
low dropout linear regulator. The VCC regulator has been
designed for stable operation with a wide range of output
capacitors. For most applications, a low ESR capacitor of
at least 2.2µF should be used. The capacitor should be
located as close to the VCC pin as possible and connected
to the VCCpinandgroundthroughtheshortesttracespos-
3129 F05
LTC3129
VOUT
VOUT
R1
COUT
FB
CFF
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com