Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 2Page - Linear Technology LTM2893 Datasheet HTML 3Page - Linear Technology LTM2893 Datasheet HTML 4Page - Linear Technology LTM2893 Datasheet HTML 5Page - Linear Technology LTM2893 Datasheet HTML 6Page - Linear Technology LTM2893 Datasheet HTML 7Page - Linear Technology LTM2893 Datasheet HTML 8Page - Linear Technology LTM2893 Datasheet HTML 9Page - Linear Technology LTM2893 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTM2893/LTM2893-1
6
28931fb
For more information www.linear.com/LTM2893
ELECTRICAL CHARACTERISTICS
tDELAY
0.8•VL or 0.8•VL2
0.2•VL or 0.2•VL2
tDELAY
tWIDTH
2893 F01
0.8•VL or 0.8•VL2
0.2•VL or 0.2•VL2
0.8•VL or 0.8•VL2
0.5•VL or
0.5•VL2
0.2•VL or 0.2•VL2
Figure 1. Voltage Levels for Timing Specifications
TYPICAL PERFORMANCE CHARACTERISTICS
SNR and SINAD
Performance with LTC2338-18
CNV2 Jitter vs Temperature
CNV2 Jitter vs VL and VL2
SNR vs fIN for 30psRMS CNV Jitter
CNV → CNV2 Delay
vs Temperature
CNV → CNV2 Delay vs VL and VL2
Specifications are at TA = 25°C. VCC = 5V, VL = 3.3V, GND = 0V, VCC2 = 5V, VL2 = 5.0V, GND2 = 0V, unless otherwise noted.
100dB
96dB
84dB
72dB
60dB
FREQUENCY (Hz)
1k
10k
100k
1M
40
50
60
70
80
90
100
110
120
2893 G01
TEMPERATURE (°C)
–60 –40 –20 0 20 40 60 80 100 120 140
15
16
17
18
19
20
21
22
23
24
25
2893 G02
VL AND VL2 (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
15
16
17
18
19
20
21
22
23
24
25
2893 G03
SNR
SINAD
FREQUENCY (Hz)
1k
10k
100k
1M
80
84
88
92
96
100
2893 G04
TEMPERATURE (°C)
–60 –40 –20 0 20 40 60 80 100 120 140
5
10
15
20
25
30
35
40
2893 G05
VL AND VL2 (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
15
17
19
21
23
25
27
29
31
33
35
2893 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com