Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 19Page - Linear Technology LTM2893 Datasheet HTML 20Page - Linear Technology LTM2893 Datasheet HTML 21Page - Linear Technology LTM2893 Datasheet HTML 22Page - Linear Technology LTM2893 Datasheet HTML 23Page - Linear Technology LTM2893 Datasheet HTML 24Page - Linear Technology LTM2893 Datasheet HTML 25Page - Linear Technology LTM2893 Datasheet HTML 26Page - Linear Technology LTM2893 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTM2893/LTM2893-1
23
28931fb
For more information www.linear.com/LTM2893
TIMING DIAGRAMS
The SS2 signal is not necessary on all ADC parts. The SS2
signal can be left unconnected if the interfaced ADC does
not require a chip select.
The period of time referenced as tQUIET2 is the acquisition
quiet time allocated to the connected ADC. tQUIET2 is a
minimum of tBUSY2FBUSYF + tQUIET, the additional delay
is added by delaying the next CNV rising edge from the
last rising edge of SS or SCK. tSCK2SSDIS is approximately
1.5/SCK2.
The default SCK2 frequency is 100MHz; configure the
SCK2 frequency to match the requirements of the ADC.
The range of variations in the SCK2 period are detailed
in Table 5. The temperature dependence of the SCK2
Frequency is shown in the typical curves section’s SCK2
Frequency Variation vs Temperature plot. For example,
using the limits from Table 5, an H-grade part configured
for SCK2 = 50MHz may operate from 46.25 to 52.65MHz
over the entire temperature range
ISOLATED INTERFACE WITH READ AND WRITE USING
THE LTM2893-1
The LTM2893-1 isolated side operates ahead of the logic
side when reading data from the ADC. In order to write
data to the ADC a second SPI transaction is initiated after
the full logic side SPI word has been received from MOSI.
The logic side sees one write/read SPI transaction and the
isolatedsideseestwotransactions,areadandthenawrite.
The second SPI transaction on the isolated side incurs a
time penalty and requires flexibility on the part of the ADC.
Figure 11 demonstrates the signal patterns that the ADC
will see when written. The first SPI transaction reads the
ADC results on MISOA2 and MISOB2 while MOSI2 is ‘0’
and then clears the SS2 signal. A second SPI transaction
occurs, after the write data is received, in which the MOSI2
data is written to the ADC. The ADC cycle time must be
extendedbythemastercontrollingdevicetoaccommodate
the additional SPI write.
To calculate the time to the next CNV rising edge for the
LTM2893-1:
Figure 10. Isolated Side Interface for an ADC Conversion
CNV2
BUSY2
ADC CONVERSION TIMING DIAGRAM ISOLATED SIDE INTERFACE
SS2
SCK2
MISOA2
DI17
ADC CONVERSION TIME (tCNVADC)
DI0
ADC CYCLE TIME
ADC ACQUISITION TIME
DI17
DI0
MISOB2
2893 F10
tCNV2H
tCNV2toADCstart
tBUSY2FSS2F
tSS2FSCK2
tSCK2
tSCK2H
tSCK2L
tSCK2SSDIS
tQUIET2
tHDMISO2
tSUMISO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com