Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 5Page - Linear Technology LTM2893 Datasheet HTML 6Page - Linear Technology LTM2893 Datasheet HTML 7Page - Linear Technology LTM2893 Datasheet HTML 8Page - Linear Technology LTM2893 Datasheet HTML 9Page - Linear Technology LTM2893 Datasheet HTML 10Page - Linear Technology LTM2893 Datasheet HTML 11Page - Linear Technology LTM2893 Datasheet HTML 12Page - Linear Technology LTM2893 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTM2893/LTM2893-1
9
28931fb
For more information www.linear.com/LTM2893
SB (C5): Select Enable Input B. Select signal pass through
to SB2 to control an external multiplexer or programmable
gain amplifier. Transitions must not occur just before the
beginning of a CNV or SS edge. See the Safe Regions of
the Select Enable Signals section for timing constraints.
Do not use as a general purpose asynchronous signal. SB
containsaweakpulldown.ConnecttoGNDwhennotused.
SC (C6): Select Enable Input C. Select signal pass through
to SC2 to control an external multiplexer or programmable
gain amplifier. Transitions must not occur just before the
beginning of a CNV or SS edge. See the Safe Regions of
the Select Enable Signals section for timing constraints.
Do not use as a general purpose asynchronous signal. SC
containsaweakpulldown.ConnecttoGNDwhennotused.
Isolated Side
(All Inputs and Outputs Referenced to VL2 and GND2)
VCC2 (N1): Isolated Voltage Supply. Recommended op-
erating voltage is 3.0V to 5.5V. Internally bypassed to
GND2 with 1µF.
GND2 (N2,N3): Isolated Ground Return. Keep separate
from GND.
SA2(N4):SelectOutputA.Selectsignalpassthroughfrom
SAtocontrolanexternalmultiplexerorprogrammablegain
amplifier. See Figure 12 for timing constraints. Do not use
as a general purpose asynchronous signal. SA2 contains
a weak pull-down. Leave unconnected when not used, or
connect to GND2 if unused and configured as an input.
SB2(N5):SelectOutputB.Selectsignalpassthroughfrom
SBtocontrolanexternalmultiplexerorprogrammablegain
amplifier. See Figure 12 for timing constraints. Do not use
as a general purpose asynchronous signal. SB2 contains
a weak pull-down. Leave unconnected when not used, or
connect to GND2 if unused and configured as an input.
SC2(N6):SelectOutputC.Selectsignalpassthroughfrom
SCtocontrolanexternalmultiplexerorprogrammablegain
amplifier. See Figure 12 for timing constraints. Do not use
as a general purpose asynchronous signal. SC2 contains
a weak pull-down. Leave unconnected when not used, or
connect to GND2 if unused and configured as an input.
PIN FUNCTIONS
VL2(P1):InterfaceSupplyVoltage.Recommendedoperat-
ing voltage is 1.71V to 5.5V. Interface supply voltage for
pins SA2, SB2, SC2, MISOA2, MISOB2, MOSI2, SCLK2,
SS2, BUSYS, BUSY2, and CNV2. Internally bypassed to
GND2 with 1µF. Connect to the ADC SPI interface supply.
MISOA2 (P2): Master In Slave Out A Input. Serial data
input receiving the results from the ADC. MISOA2 has a
weak pull-down when ON2 is high.
MISOB2 (P3): Master In Slave Out B Input. Serial data
input receiving the results from the ADC. MISOB2 has
a weak pull-down when ON2 is high. Connect to GND2
when not used.
VL2 (P4): Connect to VL2.
GND2 (P5): Connect to GND2.
BUSYS(P6):SecondaryBusyInput.Connecttosecondary
ADC BUSY output when two or more ADCs are connected
in parallel. Connect to CNV2 to avoid ADC sleep functions.
Connect to GND2 when unused.
ON2 (R1): Isolated Enable Input. A high input enables the
isolatedsidecommunicationinterface.DoNotFloat.When
ON2 is low and VL2 is high, CNV2, MOSI2, SCK2, MISOA2
and MISOB2 are high impedance, an external pull-up or
pull-down resistor (100k or greater) is required on each
pin to minimize possible internal shoot though current if
these pins float.
SS2 (R2): Isolated Side Slave Select Output (Slave Chip
Select).Outputcontrolledbyinternalcommunicationfunc-
tions to fetch data from slave ADC. Connect to external
ADC as necessary.
MOSI2 (R3): Isolated Master Out Slave In 2 Output.
LTM2893-1 only, serial data output sending command
data to the ADC. LTM2893, connect MOSI2 to GND2.
SCK2(R4):IsolatedSerialClockOutput.Serialclockoutput
to the ADC. SCK2 is low when SS2 is high.
BUSY2 (R5): Isolated Busy Input. Connect to Primary ADC
BUSY output. Connect to CNV2 to use fast ADC read mode
(ADC sample rate up to 2Msps).
CNV2 (R6): Isolated Conversion Start Output. Connect to
ADC conversion start input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com