Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 21Page - Linear Technology LTM2893 Datasheet HTML 22Page - Linear Technology LTM2893 Datasheet HTML 23Page - Linear Technology LTM2893 Datasheet HTML 24Page - Linear Technology LTM2893 Datasheet HTML 25Page - Linear Technology LTM2893 Datasheet HTML 26Page - Linear Technology LTM2893 Datasheet HTML 27Page - Linear Technology LTM2893 Datasheet HTML 28Page - Linear Technology LTM2893 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTM2893/LTM2893-1
25
28931fb
For more information www.linear.com/LTM2893
TYPICAL APPLICATIONS
Figure 13. Isolated 1Msps LTC2338-18 Fully Differential ±10V Input Range, with ADC Sleep Disabled (CNV2 = BUSYS)
LTM2893
100k
VL
VCC
VL2
VCC2
CNV
BUSY
SS
SCK
MISOA
MISOB
ON
ON2
CNV2
BUSYS
BUSY2
SS2
CNV
RDL
CHAIN
VDD
5Vi
5V
3.3V
REFIN
OVDD
REFBUF
VDDLBYP
IN+
IN–
VIN
SHDN
VOUT_F
VOUT_S
0.1µF
10µF
2.2µF
47µF
3.3nF
INA+
V+
V–
INA–
OUTA
2.2µF
LTC2338-18
LTC6655-2.048
LT1469
20
6.8nF
±10V
DIFFERENTIAL
INPUT
500
INB+
INB–
OUTA
NOTE: LOWER CASE i’S AT THE END OF
SUPPLY INDICATES AN ISOLATED SUPPLY.
500
MASTER
FPGA
OR
MICROPROCESSOR
(HOST)
28931 F13
1µF
1µF
+15Vi
–15Vi
BUSY
SCK
SDO
SCK2
MISOA2
MISOB2
20
LTM2893
100k
VL
VCC
VL2
VCC2
CNV
BUSY
SS
SCK
MISOA
MISOB
ON
ON2
CNV2
BUSYS
BUSY2
SS2
CNV
RDL
CHAIN
5Vi
2.5Vi
5V
3.3V
OVDD
IN+
IN–
VIN
SHDN
VOUT_F
VOUT_S
0.1µF
10µF
47µF
3.3nF
20Ω
OUT1
OUT2
V+
SHDN
V–
LTC2378-18
LT6350
LTC6655-5
0V TO 5V
INPUT
500
MASTER
FPGA
OR
MICRO-
PROCESSOR
(HOST)
28931 F13
1µF
1µF
8Vi
–2.5Vi
BUSY
SCK
SDO
SCK2
MISOA2
MISOB2
+
–
+
–
8Vi
–IN1
+IN1
+IN2
2.5Vi
1µF
20Ω
Figure 14. Isolated 1Msps LTC2378-18 Single-Ended 0V to 5V Input (BUSYS = GND2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com