Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 8Page - Linear Technology LTM2893 Datasheet HTML 9Page - Linear Technology LTM2893 Datasheet HTML 10Page - Linear Technology LTM2893 Datasheet HTML 11Page - Linear Technology LTM2893 Datasheet HTML 12Page - Linear Technology LTM2893 Datasheet HTML 13Page - Linear Technology LTM2893 Datasheet HTML 14Page - Linear Technology LTM2893 Datasheet HTML 15Page - Linear Technology LTM2893 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTM2893/LTM2893-1
12
28931fb
For more information www.linear.com/LTM2893
APPLICATIONS INFORMATION
TheSPIbuslacksaformalstandard,andtherefore,various
implementationsofprotocol,bitlengths,andsignalpolari-
ties exist. In the universe of analog-to-digital converters
(ADCs) with serial peripheral interfaces (SPI), a nominal
set of requirements must be met to operate properly with
the LTM2893.
First, the LTM2893 operates similar to mode (0, 0). The
data is captured and shifted on the rising edge of SCK. All
setupandholdtimingcharacteristicsarerelatedtotherising
edge of the SCK. In a normal mode (0, 0) SPI pattern, the
data changes on the falling edge of the SCK. Be aware of
the timing delay for the data to be stable before the rising
edge SCK capture, if the chosen ADC changes data on the
fallingedge.At100MHzand66MHz,theLTM2893changes
MISOA and MISOB after the rising edge in order to allow
for the maximum time for data to change, stabilize, and
be ready for the next rising clock edge.
Second, the SCK and SS must be dedicated to the opera-
tion of reading or writing data. Some ADC interfaces use
the SCK as a conversion clock in addition to the shift clock
function for the SPI port. Excessive SCK transitions will
asserttheFAULTpinasaSPIbufferunder-run.Theisolated
side will transition SCK2 based on the configured count
and will not mimic the extra SCK transitions.
The slave select (SS) is low true and frames the SPI trans-
action. With the LTM2893, if a single ADC is implemented,
thelogicsideSScanbedrivenlowduringnormaloperation
and the isolated side SS2 can be left open. Otherwise, the
SS must be returned to a high, and then can be driven
low to clear the FAULT pin. The LTM2893-1 requires the
SS to frame the SPI transaction.
The CNV to CNV2 signal is initiated on a rising edge. The
falling edge of CNV is ignored. The falling edge of CNV2 is
generated internally and has up to 5ns of jitter. The positive
pulse width of CNV2 is dependent on the configured SCK2
frequency. SCK2 frequencies of 40MHz or greater have
a pulse width of ~40ns, and SCK2 frequencies of 33MHz
or below have a pulse width of ~60ns.
ADCs with or without conversion start or busy pins are
compatible with the LTM2893.
ADCs that offer conversion start signals and busy signals
connect directly to the CNV2 and BUSY2 pins on the
LTM2893. The anticipated operation of a conversion start
signalistoinitiatetheconversionoperationandforthebusy
signal to be high during the conversion. The busy signal
is anticipated to go low when the conversion is complete.
ADCs that offer conversion start signals without a busy
signal are anticipated to allow reading of the prior SPI
resultwhilethecurrentconversionisongoing.Connectthe
CNV2 signal to the ADC conversion start and the BUSY2
signal. This will force the LTM2893 to read data from the
ADC after the CNV2 signal goes low.
ADCs that do not have a conversion start or a busy signal
areanticipatedtoallowreadingofthepriorSPIresultwhile
a conversion is ongoing. Connect the CNV2 signal to the
BUSY2 signal. This will force the LTM2893 to read data
from the ADC after the CNV2 signal goes low. This may
include ADCs that use the CS signal to initiate a conver-
sion start. An example of this is shown in Figure 15 with
an LTC2314-14.
TIMING AND CONTROL
A conversion is initiated by CNV. A rising edge on CNV
will start a conversion and start the process controlling
the BUSY output and the collection of ADC results. Once
a conversion has been initiated, do not start a new conver-
sion until the current process is completed and the ADC
results have been read or else data loss may occur. Once a
CNV rising edge is detected, the BUSY output is asserted
high and remains high throughout the ADC conversion
phase and is de-asserted at the point the most significant
bit is ready to be read. Reading data from the serial digital
interface before the BUSY output is de-asserted will result
in erroneous results and an assertion of the FAULT flag. To
enable the serial digital interface assert the SS input low.
The SS input allows the serial digital interface to be shared
with other devices. When the device count is 1-2, the SS
input may be held low at all times or asserted low at each
read of the ADC results after the BUSY output has gone low.
Asserting SS low at each ADC result read will allow a FAULT
report to be cleared. At each SCK rising edge, the MISOA
and MISOB data is read by the external master controller
and the next data bit is registered to the MISOA and MISOB
pin. The external master controller must read the result in
one transaction prior to the next CNV rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com