Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 29 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 24Page - Linear Technology LTM2893 Datasheet HTML 25Page - Linear Technology LTM2893 Datasheet HTML 26Page - Linear Technology LTM2893 Datasheet HTML 27Page - Linear Technology LTM2893 Datasheet HTML 28Page - Linear Technology LTM2893 Datasheet HTML 29Page - Linear Technology LTM2893 Datasheet HTML 30Page - Linear Technology LTM2893 Datasheet HTML 31Page - Linear Technology LTM2893 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTM2893/LTM2893-1
29
28931fb
For more information www.linear.com/LTM2893
TYPICAL APPLICATIONS
Figure 19. LTM2893-1 with SoftSpan™ Configurable LTC2348-18 8-Channel Simultaneous Sampling ADC
4.7k
0.1µF
0.1µF
0.1µF
47µF
0.1µF
0.1µF
0.1µF
VL2
VCC2
ON2
CNV2
SS2
SCK2
MOSI2
MISOA2
SA2
GND2
VL VCC
ON
CSC
SCK
MOSI
MISOA
SA
SB
SC
GND
CNV
BUSY
FAULT
SS
ON
PD
CS2
SCK
MOSI
CNV
BUSYMON
FLTINT
CS
MISOA
VDD
GND
5Vi
3.3V
LTM2893-1
FPGA
BUSY2
BUSYS
MISOB2
MISOB
IN0+
IN0–
VDD
5Vi
REFIN
GND
CS
SDO0
SCK
BUSY
CNV
LTC2348-18
OVDD
SDI
SDO4
PD
CMOS
IN7+
IN7–
REFBUF
VEE
–15Vi
VCC
15Vi
VDDLBYP
MISOB
LTM2893-1 AND LTC2348-18 MAXIMUM SAMPLING RATE 166ksps
CONFIGURATION REGISTER COMMANDS 0x00h, 0x9Eh (WORDCOUNT = 4 , WORDLENGTH = 24)
FIGURE 3 SHOWS THE EXPECTED TRANSACTIONS THAT OCCUR FOR WORDCOUNT = 4
CSC
SS
MOSI
0x00h
0x9Eh
SS
CNV
6µs
BUSY
MISOA
MISOB
CH [0, 1, 2, 3]
CH [4, 5, 6, 7]
96 BITS
SS
SoftSpan SELECTS (24 BITS) BEFORE OR DURING CONVERSIONS
2•(24+2)•tSCK2
28931 F19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com