Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 15Page - Linear Technology LTM2893 Datasheet HTML 16Page - Linear Technology LTM2893 Datasheet HTML 17Page - Linear Technology LTM2893 Datasheet HTML 18Page - Linear Technology LTM2893 Datasheet HTML 19Page - Linear Technology LTM2893 Datasheet HTML 20Page - Linear Technology LTM2893 Datasheet HTML 21Page - Linear Technology LTM2893 Datasheet HTML 22Page - Linear Technology LTM2893 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LTM2893/LTM2893-1
19
28931fb
For more information www.linear.com/LTM2893
Table 3. Configuration Registers
BIT 7 ADDRESS
(AD7)
BIT 6 (D6) BIT 5 (D5)
BIT 4 (D4)
BIT 3 (D3)
BIT 2 (D2)
BIT 1 (D1)
BIT 0 (D0)
Configuration
address 0
0
OSCDIV2
OSCDIV1
OSCDIV0
CRC enable
0 = disabled
1 = enabled
SC direction
0 = logic-to-iso
1 = Iso-to-logic
SB direction
0 = logic-to-iso
1 = Iso-to-logic
SA direction
0 = logic-to-iso
1 = Iso-to-logic
Configuration
address 1
1
Reserved
0
Reserved
0
DEVICECOUNT1 DEVICECOUNT0 WORDLENGTH2 WORDLENGTH1 WORDLENGTH0
Table 4. SCK2 Frequency Selection Table (Configuration Register 0 Bit 6, 5, 4)
OSCDIV2
(BIT 6)
OSCDIV1
(BIT 5)
OSCDIV0
(BIT 4)
NOMINAL SCK2
FREQUENCY
MINIMUM SCK2
FREQUENCY
LTM2893-1
MINIMUM SCK
FREQUENCY
LTM2893-1 tWATCHDOG_TIMEOUT MAXIMUM
tSCK PERIOD OR IDLE TIME WITH SS LOW
(tSSFSCK, tSCKSSDIS)
0
0
0
100MHz
92.5MHz
824kHz
1.185µs
0
0
1
66MHz
61.5MHz
550kHz
1.84µs
0
1
0
50MHz
46.25MHz
412kHz
2.45µs
0
1
1
40MHz
36.5MHz
330kHz
3.08µs
1
0
0
33MHz
30.5MHz
274kHz
3.7µs
1
0
1
25MHz
23.1MHz
206kHz
4.9µs
1
1
0
12.5MHz
11.6MHz
103kHz
9.9µs
1
1
1
6.25MHz
5.8MHz
26kHz
39.0µs
Note: Factory Default Settings are in bold. The LTM2893 may exceed the Minimum SCK Frequency when reading ADC results when SS is low. The CSC
configuration register write requires adherence to the minimum SCK frequency specification.
APPLICATIONS INFORMATION
Table 5. SCK Frequency Selection Timing Specifications
SCK2 FREQUENCY, MAXIMUM
SCK FREQUENCY
tSCK PERIOD (ns)
tSCK2 PERIOD (ns)
tSSFSCK / tCSCFSCK (ns)
LTM2893-1
tSCKSSDIS (ns)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
100MHz
10
1185
9.5
10.8
20
1185
20
1185
66MHz
15
1840
14.25
16.2
20
1840
20
1840
50MHz
20
2450
19.0
21.6
20
2450
20
2450
40MHz
25
3080
23.75
27
20
3080
20
3080
33MHz
30
3700
28.0
32.4
20
3700
20
3700
25MHz
40
4900
38.0
43.2
20
4900
20
4900
12.5MHz
80
9900
76.0
86.4
20
9900
20
9900
6.25MHz
160
39000
152.0
172.8
20
39000
20
39000
Note: Exceeding Max of tCSFSCK on the LTM2893, or tSCK, tSSFSCK, or tSCKSSDIS on the LTM2893-1 will result in a watchdog timeout setting FAULT low.
Table 6. SPI Word Length Selection Table (Configuration Register 1 Bits 2, 1, 0)
BITS PER WORD (WORDLENGTH)
WORDLENGTH2 (BIT 2)
WORDLENGTH1 (BIT 1)
WORDLENGTH0 (BIT 0)
8
0
0
0
12
0
0
1
14
0
1
0
16
0
1
1
18
1
0
0
20
1
0
1
24
1
1
0
32
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com