Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 3Page - Linear Technology LTM2893 Datasheet HTML 4Page - Linear Technology LTM2893 Datasheet HTML 5Page - Linear Technology LTM2893 Datasheet HTML 6Page - Linear Technology LTM2893 Datasheet HTML 7Page - Linear Technology LTM2893 Datasheet HTML 8Page - Linear Technology LTM2893 Datasheet HTML 9Page - Linear Technology LTM2893 Datasheet HTML 10Page - Linear Technology LTM2893 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTM2893/LTM2893-1
7
28931fb
For more information www.linear.com/LTM2893
Select Pins (SA, SB, SC, SA2,
SB2, SC2) VOL and VOH vs VL or
VL2 Voltage
SPI and ADC Control Outputs
(MISOA, MISOB, BUSY, CNV2,
SCK2, SS2, MOSI2) VOL and VOH
vs VL or VL2 Voltage
SCK2 Frequency Variation
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Specifications are at TA = 25°C. VCC = 5V, VL = 3.3V, GND = 0V, VCC2 = 5V, VL2 = 5.0V, GND2 = 0V, unless otherwise noted.
Supply Current vs Sampling Rate
18-Bit, SCK2 Frequency = 100MHz
Communication During 100kV/µs
Common Mode Transient Events
Temperature De-Rating for
Operating Temperature Range
(Communicating with an LTC2378-18)
VOH (4mA)
VOH (1mA)
VOH (0.5mA)
VOL (4mA)
VOL (1mA)
VOL (0.5mA)
VL OR VL2 SUPPLY (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
2893 G07
VOH (4mA)
VOH (1mA)
VOH (0.5mA)
VOL (4mA)
VOL (1mA)
VOL (0.5mA)
VL OR VL2 SUPPLY (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
2893 G08
MAX
MIN
TEMPERATURE (°C)
–60 –40 –20 0 20 40 60 80 100 120 140
93
94
95
96
97
98
99
100
101
102
103
104
2893 G09
VCC = 5V
VCC2 = 5V
VL2 = 5V
VL = 5V
IVCC
IVCC2
IVL2
IVL
SAMPLES PER SECOND (kSps)
0
200
400
600
800
1000
0
2
4
6
8
10
12
2893 G10
VL = 3.3V
VCC = 5.0V
VCC2 = VL2 = 5.0V
θJA = 36°C/W
C–Grade
I–Grade
H–Grade
TEMPERATURE (°C)
0
25
50
75
100
125
150
0
0.50
1.00
1.50
2893 G12
20ns/DIV
GND2 TO
GND
300V
BUSY
5V
CNV
5V
2893 G11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com