Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 26 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 22Page - Linear Technology LTM2893 Datasheet HTML 23Page - Linear Technology LTM2893 Datasheet HTML 24Page - Linear Technology LTM2893 Datasheet HTML 25Page - Linear Technology LTM2893 Datasheet HTML 26Page - Linear Technology LTM2893 Datasheet HTML 27Page - Linear Technology LTM2893 Datasheet HTML 28Page - Linear Technology LTM2893 Datasheet HTML 29Page - Linear Technology LTM2893 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTM2893/LTM2893-1
26
28931fb
For more information www.linear.com/LTM2893
TYPICAL APPLICATIONS
Figure 15. Isolated 2Msps LTC2314-14 0V to 4.096V Input Range, ADC
Without a CNV or BUSY, LTC2314 CS Is Synchronized to Low Jitter CNV2
LTM2893
100k
VL
VCC
VL2
VCC2
CSC
CNV
BUSY
SS
SCK
MISOA
MISOB
CNV2
BUSY2
BUSYS
SS2
SCK2
MISOA2
MISOB2
VDD
5Vi
5V
3.3V
REF
OVDD
IN+
2.2µF
2.2µF
2.2µF
LTC2314-14
CNV2
5Vi
5Vi
CONFIGURATION REGISTERS WRITE 0x20h AND 0x83h
SETS SCK2 TO 50MHz AND WORDLENGTH TO 16-BIT.
NOTE: THE LTC2314-14
CHANGES SDO ON THE
FALLING EDGE OF SCK,
WITH A MAXIMUM DELAY
UNTIL THE DATA IS VALID
OF 9.1ns. THE SCK2
FREQUENCY IS REDUCED
TO 50MHz IN THIS
APPLICATION TO
GUARANTEE SETUP TIME.
MASTER
FPGA
OR
MICROPROCESSOR
(HOST)
28931 F15
SCK
SDO
22nF
50
0V TO 4.096V
INPUT
BUSY
CNV
CNV2 = BUSY2
SS2
SCK2 (50MHz)
tCNV2H
MISOA2
ADC RESULT (ISOLATED SIDE)
SS
SCK (50MHz)
MISOA
ADC RESULT (LOGIC SIDE)
500ns
CS
PRE
CLR
D
CLK
NC7SZ74
CNV2
74VHC04
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com