Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 27 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 23Page - Linear Technology LTM2893 Datasheet HTML 24Page - Linear Technology LTM2893 Datasheet HTML 25Page - Linear Technology LTM2893 Datasheet HTML 26Page - Linear Technology LTM2893 Datasheet HTML 27Page - Linear Technology LTM2893 Datasheet HTML 28Page - Linear Technology LTM2893 Datasheet HTML 29Page - Linear Technology LTM2893 Datasheet HTML 30Page - Linear Technology LTM2893 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTM2893/LTM2893-1
27
28931fb
For more information www.linear.com/LTM2893
TYPICAL APPLICATIONS
Figure 16. Startup Sequence with a Voltage Supervisor Enabling Isolated Side Including Isolated Power Solution
LTM2893
VL
VCC
VL2
VCC2
FAULT
ON
CSC
CNV
BUSY
SS
SCK
MISOA
MISOB
CNV2
BUSY2
SS2
SCK2
MISOA2
MISOB2
ON2
VDD
5V
3.3V
4.7k
REF
OVDD
IN+
2.2µF
2.2µF
2.2µF
LTC2314-14
CONFIGURATION REGISTERS WRITE 0x20h AND 0x82h
SETS SCK2 TO 50MHz AND WORDLENGTH TO 16-BIT.
MASTER
FPGA
OR
MICROPROCESSOR
(HOST)
28931 F16
CS
SCK
SDO
10k
VM
RST
TOL
VCC
RT
SEL1
SEL2
WDI
WT
LTC2917
GND
LT3439
VIN
GND
PGND
SHDN
CT
RT
COL
COL
RSL
16.9k
150pF
16.9k
0.1µF
4.7µF
5V
WE760390014
1.3:1
ISOLATED POWER PATH WITH THE LT3439
MBR0520L
MBR0520L
33µH
15µF
15µF
10nF
SHDN
IN
OUT
SENSE
BYP
LT1762-5
10µF
ON
BUSY
ON2
5Vi
FAULT
–10%
FAULT INDICATING
POWER LOSS
AND RECOVERY
SYSTEM READY
ISOLATED POWER LOSS
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com