Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 10Page - Linear Technology LTM2893 Datasheet HTML 11Page - Linear Technology LTM2893 Datasheet HTML 12Page - Linear Technology LTM2893 Datasheet HTML 13Page - Linear Technology LTM2893 Datasheet HTML 14Page - Linear Technology LTM2893 Datasheet HTML 15Page - Linear Technology LTM2893 Datasheet HTML 16Page - Linear Technology LTM2893 Datasheet HTML 17Page - Linear Technology LTM2893 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTM2893/LTM2893-1
14
28931fb
For more information www.linear.com/LTM2893
APPLICATIONS INFORMATION
that use this function, such as the LTC2338 and LTC2328.
In order to defeat this, connect the BUSYS signal to CNV2,
and the ADCs’ BUSY signal to BUSY2. This will always
keep the ADC awake, see Figure 13.
If the sleep function is needed, a select signal (SA, SB,
or SC) can be used with 74VHC02 logic gates to disable
this keep-alive function shown in Figure 2.
Table 1. Fault Reporting
FAULTS
CAUSE/TROUBLESHOOTING
Idle time during
serial digital
interface read
during configuration
write (CSC) or
LTM2893-1
SCK↑ to SCK↑ > tWATCHDOG_TIMEOUT or SS or
CSC↓ to SCK↑ > tWATCHDOG_TIMEOUT. Minimize
delay between this relationship to less than
tWATCHDOG_TIMEOUT. SCK frequency must be
greater than the minimum referenced in Table 5.
Exceeding
configured SCKs
within a cycle
Exceeding the configured WORDLENGTH number
of SCKs during a read is considered a fault.
Data loss in isolation
communication
Common mode transients (GND to GND2) greater
than 50kV/µs. High transient EM field disturbances
greater than specified in EN61000, or an ESD event
Isolated side power
loss
ON2, VL2, or VCC2 was removed and returned.
Indicates unexpected interface loss.
CNV rising edge
during serial digital
interface read
Avoid transitioning CNV during the read of the
serial digital interface. CNV will be ignored during
the read of the serial digital interface.
SELECT SIGNALS
The select signal inputs SA, SB, and SC are communicated
to the isolated side and output on SA2, SB2, and SC2 re-
spectively. The select signals allow control of an external
device related to the acquisition of an analog input signal.
Select signals are communicated through the isolator on
edge events. A static condition at start up is not com-
municated to the isolated side. A transition is required
to exit the default low output. Examples of device types
anticipated for use on these pins are analog multiplexers
(Figure 18) or programmable gain amplifiers. The signals
can be used as logic controls for resets or power down
functionsthatarenotexpectedtooccurduringaconversion
of an analog signal. The select signals are not designed for
use as general purpose logic signals with asynchronous
transition times relative to an analog to digital conversion.
Useofthesesignalsmustbekeptsynchronousandoutside
of the operation of the CNV, BUSY, or SS active duration.
Data and time sensitive information may be lost if a select
signal transitions within 150ns of the CNV or SS signal.
Figure 2. ADC Keep-Alive and Sleep Enable
28931 F02
CNV2
BUSYS
LTM2893
BUSY2
74VHC02
ENABLE SLEEP
SA2
3
2
11
12
6
4
10
1
13
5
9
8
LTC2338-18
CNV
BUSY
IF ENABLE SLEEP = 0, BUSY SIGNALS PASS
IF ENABLE SLEEP = 1, BUSY2,S = 0 AND
TWO CNV RISING EDGES WILL PUT ADC TO SLEEP
FAULT REPORTING
The FAULT pin indicates the occurrence of an internal
communication error or an erroneous input condition.
The FAULT pin is an open drain and requires an external
pull up resistance for monitoring. If the FAULT pin is as-
serted low, data loss may have occurred and the current
transaction is suspected to contain an error. To clear the
FAULT pin, return CNV low and SS high and initiate a new
transaction with CNV or SS.
The LTM2893 does not have the provisions to provide the
reason for the fault condition. Possible fault conditions
are listed in Table 1. If the BUSY signal goes high and the
FAULT pin goes low a watchdog time out has occurred.
Theconfigurationregisterisclearedandmustberewritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com