Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 13Page - Linear Technology LTM2893 Datasheet HTML 14Page - Linear Technology LTM2893 Datasheet HTML 15Page - Linear Technology LTM2893 Datasheet HTML 16Page - Linear Technology LTM2893 Datasheet HTML 17Page - Linear Technology LTM2893 Datasheet HTML 18Page - Linear Technology LTM2893 Datasheet HTML 19Page - Linear Technology LTM2893 Datasheet HTML 20Page - Linear Technology LTM2893 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTM2893/LTM2893-1
17
28931fb
For more information www.linear.com/LTM2893
Figure 3. LTM2893-1 Example Word Delay on Isolated
Transactions When Logic Side Reads and Writes After
BUSY Falls
Figure 4. LTM2893-1 Example Word Delay on Isolated
Transactions When Logic Side Reads and Writes After a
Delay and with a Slower SCK
Figure 5. LTM2893-1 Worst Case Example Word Delay
on Isolated Transactions When Logic Side Reads and
Writes After a Long Delay
APPLICATIONS INFORMATION
to a CNV rising edge, an ADC command may be written to
the LTM2893 and it is transferred to the ADC. On all future
transactions,theisolatedsidewillcommunicatetotheADC
through a two-step process. The ADC is read, in the first
cycle, when data is ready, indicated by the ADC’s BUSY
signal into BUSY2. Then the ADC is written on a second
cycle after write data is received from the logic side. See
Figure 11 for a timing representation of the transactions.
The writing of data to the ADC will begin after a full
word is received from the master and at the next avail-
able isolated side word boundary. Due to a built-in
delay across the isolation barrier, the writing of a word
is forced to the next available time slot. Examples of
the overall delay that can occur are shown in Figure 3,
Figure 4, and Figure 5. Delay between conversion starts
must be added to account for the write delays. Not all
ADCs will accept the second SPI transaction and may not
operate as expected.
ISOLATED TRANSACTIONS
LOGIC TRANSACTIONS
CNV
BUSY
MOSI2
MISOx2
MOSI
MISOx
RDx = READING DATA WORD, WDx = WRITTING DATA WORD
2893 F03
00
tCYCLETIME
00
00
00
RD1
RD1
RD2
RD2
RD3
RD4
RD4
RD3
WD1
WD2
WD3
WD4
WD4
WD3
WD2
WD1
WDx WRITTEN ON NEXT
AVAILABLE WORD BOUNDARY
tADDISODELAY
TIME FOR LOGIC SIDE SPI TRANSACTION
CNV
BUSY
MOSI2
MISOx2
MOSI
MISOx
RDx = READING DATA WORD, WDx = WRITTING DATA WORD
2893 F04
00
tCYCLETIME
00
00
RD1
RD1
RD2
RD2 RD3 RD4
RD4
RD3
WD1
WD2
WD3
WD4
WD4
WD3
WD2
WD1
WDx WRITTEN ON NEXT
AVAILABLE WORD BOUNDARY
tADDISODELAY
00
00
00
TIME FOR LOGIC SIDE SPI TRANSACTION
ISOLATED TRANSACTIONS
LOGIC TRANSACTIONS
CNV
BUSY
MOSI2
MISOx2
MOSI
MISOx
RDx = READING DATA WORD, WDx = WRITTING DATA WORD
2893 F05
00
tCYCLETIME
00
00
RD1 RD2 RD3 RD4
WD4
WD3
WD2
WDx WRITTEN ON NEXT
AVAILABLE WORD BOUNDARY
tADDISODELAY
00
00
00
TIME FOR LOGIC SIDE SPI TRANSACTION
WD1
00
00
RD1
WD1 WD2 WD3 WD4
RD2 RD3
RD4
DELAY FROM
BUSY FALL
ISOLATED TRANSACTIONS
LOGICTRANSACTIONS
ADDITIONAL ADC CONFIGURATIONS
To interface ADCs without a BUSY signal and to allow
immediate reading, including the LTC2314-14, connect
CNV2 to BUSY2 and connect BUSYS to GND2. This
configuration will read the ADC SPI port shortly after
the CNV2 signal goes low, maximizing data rate. In this
configuration, a sampling rate of 2Msps can be achieved
with the LTC2314-14, see Figure 15. The sampling rate
is constrained by the data changing on the falling edge
of SCK and the delay for the data to be valid is as much
as 9.1ns (per the LTC2314-14 data sheet). To guarantee
setup time SCK2 frequency is set to 50MHz.
PARALLEL CONNECTING ADCs
MISOA and MISOB pins allow two data words to be read
simultaneously. Connect pairs of ADC SDO outputs to
the isolated side MISOA2 and MISOB2 inputs. The pairs
of ADCs are read simultaneously with the SCK2 signal.
OR the BUSY outputs of the ADCs so the last ADC ready
initiates the reading of the results. If one pair of ADCs is
connected, the BUSY2 and BUSYS inputs accomplish the
OR function. If additional ADCs are connected, an external
OR is necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com