Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 1 Page - Linear Technology

  LTM2893 Datasheet HTML 1Page - Linear Technology LTM2893 Datasheet HTML 2Page - Linear Technology LTM2893 Datasheet HTML 3Page - Linear Technology LTM2893 Datasheet HTML 4Page - Linear Technology LTM2893 Datasheet HTML 5Page - Linear Technology LTM2893 Datasheet HTML 6Page - Linear Technology LTM2893 Datasheet HTML 7Page - Linear Technology LTM2893 Datasheet HTML 8Page - Linear Technology LTM2893 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTM2893/LTM2893-1
1
28931fb
For more information www.linear.com/LTM2893
TYPICAL APPLICATION
FEATURES
DESCRIPTION
100MHz Isolated ADC
Serial Interface
The LTM®2893 is a high speed isolated μModule
(micromodule)SPIinterfacewithADCcontrolsignals.The
LTM2893 is optimized for isolating 1Msps high resolution
18-bitSARADCs,suchastheLTC2338andsimilarfamilies,
and can interface with most general purpose ADCs. The
LTM2893-1 is optimized for isolating the LTC2348 and
similarfamiliesofsimultaneoussamplingADCsthatrequire
writing configuration settings into the ADC. LTM2893
isolates the conversion start, sampling signal, with very
low aperture jitter (30ps) and low latency (20ns).
The interface enables fast throughput with no cycle
latency, which makes the LTM2893 ideally suited for a
wide variety of applications. The LTM2893 has a high
speed SPI-compatible serial port that supports 1.71V to
5.5V logic and is configurable for ADCs with 8 to 32 bit SPI
word lengths. It also isolates three select signals (SA, SB,
SC) for controlling analog multiplexers or gain settings.
The isolation barrier tolerates large voltage ground
variations between the logic interface and the isolated
side of the LTM2893. Uninterrupted communication is
maintainedduringvoltagetransientsgreaterthan50kV/µs.
LTC2328-18 ADC Isolation AIN = ±10.24V, SNR = 95dB
APPLICATIONS
n
Isolated Interface: 6000VRMS for 1 Minute
n
UL-CSA Recognition Pending
n
100MHz SPI-Compatible I/O
n
Configurable SPI Word Length 8 to 32 Bits
n
Low Jitter Conversion Start (30psRMS)
n
Supports Simultaneously Sampled ADCs
n
Read Only (LTM2893), Read/Write (LTM2893-1)
n
Three Isolated Multiplexer Select Signals
n
1.71V to 5.5V I/O Voltages
n
3V to 5.5V Supply Voltages
n
High Common Mode Transient Immunity
n
15mm × 6.25mm BGA Package
n
Remote Sensing
n
High Speed Data Acquisition
n
Industrial Process Control
n
Test and Measurement Equipment
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks
and SoftSpan is a trademark of Analog Devices, Inc. All other trademarks are the property of
their respective owners.
LTM2893
VL
VCC
VL2
VCC2
CNV
BUSY
SS
SCK
MISOA
SA
SB
SC
SA2
SB2
SC2
CNV2
BUSY2
SS2
SCK2
MISOA2
CNV
BUSY
SPI
INTERFACE
BUFFER
SELECT
CNV2
BUSY2
SPI
INTERFACE
CNV
BUSY
SCK
SDO
RDL
CHAIN
VDD
5Vi
3.3Vi
5Vi
5V
3.3V
3.3Vi
REFIN
OVDD
REFBUF
VDDLBYP
IN+
IN–
VIN
SHDN
VOUT_F
VOUT_S
0.1µF
10µF
2.2µF
47µF
3.3nF
IN+
IN–
OUT
2.2µF
LTC2328-18
LTC6655-2.048
LT1468
6.8nF
±10V
INPUT
INPUT
RETURN
500
20
20
MASTER
FPGA
28931 TA01a
1µF
+15Vi
–15Vi
1µF
SELECT2


Similar Part No. - LTM2893

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM2893 AD-LTM2893 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM2893 AD-LTM2893 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
LTM2893 AD-LTM2893 Datasheet
671Kb / 18P
Isolated USB Data Transceiver
Rev A
More results

Similar Description - LTM2893

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX132 MAXIM-MAX132 Datasheet
129Kb / 16P
짹18-Bit ADC with Serial Interface
19-0009; Rev 2; 8/95
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125 Datasheet
314Kb / 41P
Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
ADC1113D125 NXP-ADC1113D125_11 Datasheet
547Kb / 41P
Dual 11-bit ADC; serial JESD204A interface
Rev. 3-10 February 2011
ADC1113S125 NXP-ADC1113S125 Datasheet
659Kb / 38P
Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Integrated Device Techn...
ADC1113D125 IDT-ADC1113D125 Datasheet
589Kb / 39P
Dual 11-bit ADC; serial JESD204A interface
ADC1113S125 IDT-ADC1113S125 Datasheet
698Kb / 36P
Single 11-bit ADC; serial JESD204A interface
logo
CML Microcircuits
EV6240 CMLMICRO-EV6240 Datasheet
618Kb / 47P
Opto-Isolated serial interface capability
logo
Linear Technology
LTM2895 LINER-LTM2895 Datasheet
1Mb / 30P
100MHz Isolated DAC SPI Serial Interface
logo
Renesas Technology Corp
ADC1113D125 RENESAS-ADC1113D125 Datasheet
593Kb / 39P
Dual 11-bit ADC; serial JESD204A interface
2 July 2012
ADC1113S125 RENESAS-ADC1113S125 Datasheet
701Kb / 36P
Single 11-bit ADC; serial JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com