Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM2893
Description  100MHz Isolated ADC Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2893 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM2893 Datasheet HTML 6Page - Linear Technology LTM2893 Datasheet HTML 7Page - Linear Technology LTM2893 Datasheet HTML 8Page - Linear Technology LTM2893 Datasheet HTML 9Page - Linear Technology LTM2893 Datasheet HTML 10Page - Linear Technology LTM2893 Datasheet HTML 11Page - Linear Technology LTM2893 Datasheet HTML 12Page - Linear Technology LTM2893 Datasheet HTML 13Page - Linear Technology LTM2893 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTM2893/LTM2893-1
10
28931fb
For more information www.linear.com/LTM2893
BLOCK DIAGRAM
28931 BD
SPI BUFFER
SELECT
CONTROL
SPI SLAVE
CONTROLLER
TX
RX
CNV CNTRL
ISOLATOR
SELECT2
CONTROL
SPI MASTER
CONTROLLER
RX
TX
CNV2 CNTRL
ISOLATOR
1µF
1µF
VCC
VL
ON
CNV
BUSY
SS
CSC
SCK
MOSI
MISOA
MISOB
SA
SB
SC
GND
GND
GND
FAULT
VCC2
VL2
ON2
CNV2
BUSY2
BUSYS
SS2
SCK2
MOSI2
MISOA2
MISOB2
SA2
SB2
SC2
GND2
GND2
GND2
1µF
1µF
C1
B1
N1
P1
VL2 P4
B6
A1
R1
A6
A5
A2
B4
A4
A3
B2
B3
C6
C5
C4
N6
N5
N4
B5
C3
C2
P6
P5
N3
N2
R2
R4
R3
P2
P3
R6
R5
= LOGIC SIDE COMMON
= ISOLATED SIDE COMMON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com