Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 178 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 178 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 174Page - Texas Instruments AM3351 Datasheet HTML 175Page - Texas Instruments AM3351 Datasheet HTML 176Page - Texas Instruments AM3351 Datasheet HTML 177Page - Texas Instruments AM3351 Datasheet HTML 178Page - Texas Instruments AM3351 Datasheet HTML 179Page - Texas Instruments AM3351 Datasheet HTML 180Page - Texas Instruments AM3351 Datasheet HTML 181Page - Texas Instruments AM3351 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 252 page
background image
178
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.7.2.3.3.7 High-Speed Bypass Capacitors
High-speed (HS) bypass capacitors are critical for proper DDR3 interface operation. It is particularly
important to minimize the parasitic series inductance of the HS bypass capacitors, the AM335x device
DDR3 power, and the AM335x device DDR3 ground connections. Table 7-63 contains the specification for
the HS bypass capacitors as well as for the power connections on the PCB. Generally speaking, it is good
to:
•
Fit as many HS bypass capacitors as possible.
•
Minimize the distance from the bypass capacitor to the power terminals being bypassed.
•
Use the smallest physical sized capacitors possible with the highest capacitance readily available.
•
Connect the bypass capacitor pads to their vias using the widest traces possible and using the largest
hole size via possible.
•
Minimize via sharing. Note the limits on via sharing shown in Table 7-63.
Table 7-63. High-Speed Bypass Capacitors
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
HS bypass capacitor package size(1)
0201
0402
10 mils
2
Distance, HS bypass capacitor to AM335x VDDS_DDR and VSS terminal
being bypassed(2)(3)(4)
400
mils
3
AM335x VDDS_DDR HS bypass capacitor count
20
devices
4
AM335x VDDS_DDR HS bypass capacitor total capacitance
1
μF
5
Trace length from AM335x VDDS_DDR and VSS terminal to connection
via(2)
35
70
mils
6
Distance, HS bypass capacitor to DDR3 device being bypassed(5)
150
mils
7
DDR3 device HS bypass capacitor count(6)
12
devices
8
DDR3 device HS bypass capacitor total capacitance(6)
0.85
μF
9
Number of connection vias for each HS bypass capacitor(7)(8)
2
vias
10
Trace length from bypass capacitor connect to connection via(2)(8)
35
100
mils
11
Number of connection vias for each DDR3 device power and ground
terminal(9)
1
vias
12
Trace length from DDR3 device power and ground terminal to connection
via(2)(7)
35
60
mils
(1) LxW, 10-mil units; for example, a 0402 is a 40x20-mil surface-mount capacitor.
(2) Closer and shorter is better.
(3) Measured from the nearest AM335x VDDS_DDR and ground terminal to the center of the capacitor package.
(4) Three of these capacitors should be located underneath the AM335x device, between the cluster of VDDS_DDR and ground terminals,
between the DDR3 interfaces on the package.
(5) Measured from the DDR3 device power and ground terminal to the center of the capacitor package.
(6) Per DDR3 device.
(7) An additional HS bypass capacitor can share the connection vias only if it is mounted on the opposite side of the board. No sharing of
vias is permitted on the same side of the board.
(8) An HS bypass capacitor may share a via with a DDR3 device mounted on the same side of the PCB. A wide trace should be used for
the connection and the length from the capacitor pad to the DDR3 device pad should be less than 150 mils.
(9) Up to two pairs of DDR3 power and ground terminals may share a via.
7.7.2.3.3.7.1 Return Current Bypass Capacitors
Use additional bypass capacitors if the return current reference plane changes due to DDR3 signals
hopping from one signal layer to another. The bypass capacitor here provides a path for the return current
to hop planes along with the signal. As many of these return current bypass capacitors should be used as
possible. Because these are returns for signal current, the signal via size may be used for these
capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com