| Electronic Components Datasheet Search |
|
80C286 Datasheet(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
80C286 Datasheet(HTML) 29 Page - Renesas Technology Corp |
|
29 / 65 page ![]() 80C286 FN2947 Rev.3.00 Page 29 of 65 January 28, 2008 Bus Cycle Termination At maximum transfer rates, the 80C286 bus alternates between the status and command states. The bus status sig- nals become inactive after TS so that they may correctly signal the start of the next bus operation after the completion of the current cycle. No external indication of TC exists on the 80C286 local bus. The bus master and bus controller enter TC directly after TS and continue executing TC cycles until termi- nated by the assertion of READY. READY Operation The current bus master and 82C288 bus controller terminate each bus operation simultaneously to achieve maximum bus operation bandwidth. Both are informed in advance by READY active (open-collector output from 82C284) which identifies the last TC cycle of the current bus operation. The bus master and bus controller must see the same sense of the READY signal, thereby requiring READY to be synchronous to the system clock. Synchronous Ready The 82C284 clock generator provides READY synchronization from both synchronous and asynchronous sources (see Figure 24). The synchronous ready input (SRDY) of the clock genera- tor is sampled with the falling edge of CLK at the end of phase 1 of each TC. The state of SRDY is then broadcast to the bus master and bus controller via the READY output line. Asynchronous Ready Many systems have devices or subsystems that are asynchro- nous to the system clock. As a result, their ready outputs can- not be guaranteed to meet the 82C284 SRDY setup and hold time requirements. But the 82C284 asynchronous ready input (ARDY) is designed to accept such signals. The ARDY input is sampled at the beginning of each TC cycle by 82C284 syn- chronization logic. This provides one system CLK cycle time to resolve its value before broadcasting it to the bus master and bus controller. ARDY or ARDYEN must be HIGH at the end of TS. ARDY can- not be used to terminate the bus cycle with no wait states. Each ready input of the 82C284 has an enable pin (SRDYEN and ARDYEN) to select whether the current bus operation will be terminated by the synchronous or asynchronous ready. Either of the ready inputs may terminate a bus operation. These enable inputs are active low and have the same timing as their respective ready inputs. Address decode logic usually selects whether the current bus operation should be termi- nated by ARDY or SRDY. Data Bus Control FIGURE 23. CMDLY CONTROLS THE LEADING EDGE OF COMMAND SIGNAL TS TC TC TS TC READ CYCLE N -1 READ CYCLE N VALID ADDR N VALID ADDR (N-1) A23 - A0 PROC CLK CLK S1 S0 ALE READY RD CMDLY RD CMDLY EX1 EX2 1 2 1 2 1 2 1 2 1 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |