Electronic Components Datasheet Search
  English  ▼

X  

80C286 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C286 Datasheet(HTML) 4 Page - Renesas Technology Corp

  80C286 Datasheet HTML 1Page - Renesas Technology Corp 80C286 Datasheet HTML 2Page - Renesas Technology Corp 80C286 Datasheet HTML 3Page - Renesas Technology Corp 80C286 Datasheet HTML 4Page - Renesas Technology Corp 80C286 Datasheet HTML 5Page - Renesas Technology Corp 80C286 Datasheet HTML 6Page - Renesas Technology Corp 80C286 Datasheet HTML 7Page - Renesas Technology Corp 80C286 Datasheet HTML 8Page - Renesas Technology Corp 80C286 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
80C286
FN2947 Rev.3.00
Page 4 of 65
January 28, 2008
Pin Descriptions The following pin function descriptions are for the 80C286 microprocessor.
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
CLK
31
I
SYSTEM CLOCK: provides the fundamental timing for the 80C286 system. It is divided by two inside
the 80C286 to generate the processor clock. The internal divide-by-two circuitry can be synchro-
nized to an external clock generator by a LOW to HIGH transition on the RESET input.
D15 - D0
36 - 51
I/O
DATA BUS: inputs data during memory, I/O, and interrupt acknowledge read cycles; outputs data
during memory and I/O write cycles. The data bus is active HIGH and is held at high impedance to
the last valid logic level during bus hold acknowledge.
A23 - A0
7 - 8
10 - 28
32 - 43
O
ADDRESS BUS: outputs physical memory and I/O port addresses. A23 - A16 are LOW during I/O
transfers. A0 is LOW when data is to be transferred on pins D7 - D0 (see table below). The address
bus is active High and floats to three-state off during bus hold acknowledge.
BHE
1
O
BUS HIGH ENABLE: indicates transfer of data on the upper byte of the data bus, D15 - D8. Eight-bit
oriented devices assigned to the upper byte of the data bus would normally use BHE to condition chip
select functions. BHE is active LOW and floats to three-state OFF during bus hold acknowledge.
S1, S0
4, 5
O
BUS CYCLE STATUS: indicates initiation of a bus cycle and along with M/IO and COD/lNTA, de-
fines the type of bus cycle. The bus is in a TS state whenever one or both are LOW. S1 and S0 are
active LOW and are held at a high impedance logic one during bus hold acknowledge.
BHE AND A0 ENCODINGS
BHE VALUE
A0 VALUE
FUNCTION
0
0
Word transfer
0
1
Byte transfer on upper half of data bus (D15 - D8)
1
0
Byte transfer on lower half of data bus (D7 - D0)
11
Reserved
80C286 BUS CYCLE STATUS DEFINITION
COD/INTA
M/IO
S1
S0
BUS CYCLE INITIATED
0(LOW)
0
0
0
Interrupt acknowledge
00
0
1
Reserved
00
1
0
Reserved
0
0
1
1
None; not a status cycle
0
1
0
0
If A1 = 1 then halt; else shutdown
0
1
0
1
Memory data read
0
1
1
0
Memory data write
0
1
1
1
None; not a status cycle
1(HIGH)
0
0
0
Reserved
1
0
0
1
I/O read
1
0
1
0
I/O write
1
0
1
1
None; not a status cycle
11
0
0
Reserved
1
1
0
1
Memory instruction read
11
1
0
Reserved
1
1
1
1
None; not a status cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com