Electronic Components Datasheet Search
  English  ▼

X  

80C286 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C286 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 80C286 Datasheet HTML 11Page - Renesas Technology Corp 80C286 Datasheet HTML 12Page - Renesas Technology Corp 80C286 Datasheet HTML 13Page - Renesas Technology Corp 80C286 Datasheet HTML 14Page - Renesas Technology Corp 80C286 Datasheet HTML 15Page - Renesas Technology Corp 80C286 Datasheet HTML 16Page - Renesas Technology Corp 80C286 Datasheet HTML 17Page - Renesas Technology Corp 80C286 Datasheet HTML 18Page - Renesas Technology Corp 80C286 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
80C286
FN2947 Rev.3.00
Page 15 of 65
January 28, 2008
80C286 Real Address Mode
The 80C286 executes a fully upward-compatible superset of
the 80C86 instruction set in real address mode. In real address
mode the 80C286 is object code compatible with 80C86 and
80C88 software. The real address mode architecture (registers
and addressing modes) is exactly as described in the 80C286
Base Architecture section of this Functional Description.
Memory Size
Physical memory is a contiguous array of up to 1,048,576
bytes (one megabyte) addressed by pins A0 through A19 and
BHE. A20 through A23 should be ignored.
Memory Addressing
In real address mode physical memory is a contiguous array of
up to 1,048,576 bytes (one megabyte) addressed by pin A0
through A19 and BHE. Address bits A20-A23 may not always
be zero in real mode. A20-A23 should not be used by the sys-
tem while the 80C286 is operating in Real Mode.
The selector portion of a pointer is interpreted as the upper 16-
bits of a 20-bit segment address. The lower four bits of the 20-
bit segment address are always zero. Segment addresses,
therefore, begin on multiples of 16 bytes. See Figure 6 for a
graphic representation of address information.
All segments in real address mode are 64K bytes in size and
may be read, written, or executed. An exception or interrupt
can occur if data operands or instructions attempt to wrap
around the end of a segment (e.g. a word with its low order
byte at offset FFFF(H) and its high order byte at offset
0000(H)). If, in real address mode, the information contained in
a segment does not use the full 64K bytes, the unused end of
the segment may be overlaid by another segment to reduce
physical memory requirements.
TABLE 8. RECOMMENDED MSW ENCODINGS FOR PROCESSOR EXTENSION CONTROL
TS
MP
EM
RECOMMENDED USE
INSTRUCTION
CAUSING
EXCEPTION 7
0
0
0
Initial encoding after RESET. 80C286 operation is identical to 80C86/88.
None
0
0
1
No processor extension is available. Software will emulate its function.
ESC
1
0
1
No processor extension is available. Software will emulate its function. The
current processor extension context may belong to another task.
ESC
0
1
0
A processor extension exists.
None
1
1
0
A processor extension exists. The current processor extension context may
belong to another task. The exception 7 on WAIT allows software to test for
an error pending from a previous processor extension operation.
ESC or WAIT
TABLE 9. REAL ADDRESS MODE ADDRESSING INTERRUPTS
FUNCTION
INTERRUPT
NUMBER
RELATED INSTRUCTIONS
RETURN ADDRESS
BEFORE INSTRUCTION
Interrupt table limit too small exception
8
INT vector is not within table limit
Yes
Processor extension segment overrun
interrupt
9
ESC with memory operand extending beyond offset
FFFF(H)
No
Segment overrun exception
13
Word memory reference with offset = FFFF(H) or an
attempt to execute past the end of a segment
Yes
0000
OFFSET
OFFSET
ADDRESS
0000
SEGMENT
SELECTOR
ADDER
19
0
0
15
15
0
20-BIT PHYSICAL
MEMORY ADDRESS
SEGMENT
ADDRESS
FIGURE 6. 80C286 REAL ADDRESS MODE ADDRESS
CALCULATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com