Electronic Components Datasheet Search
  English  ▼

X  

80C286 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C286 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 80C286 Datasheet HTML 57Page - Renesas Technology Corp 80C286 Datasheet HTML 58Page - Renesas Technology Corp 80C286 Datasheet HTML 59Page - Renesas Technology Corp 80C286 Datasheet HTML 60Page - Renesas Technology Corp 80C286 Datasheet HTML 61Page - Renesas Technology Corp 80C286 Datasheet HTML 62Page - Renesas Technology Corp 80C286 Datasheet HTML 63Page - Renesas Technology Corp 80C286 Datasheet HTML 64Page - Renesas Technology Corp 80C286 Datasheet HTML 65Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 65 / 65 page
background image
80C286
FN2947 Rev.3.00
Page 65 of 65
January 28, 2008
where:
Footnotes
The Effective Address (EA) of the memory operand is com-
puted according to the mod and r/m fields:
if mod = 11 then r/m is treated as a REG field
if mod = 00 then DISP = 0†, disp-low and disp-high are absent
if mod = 01 then DISP = disp-low sign extended to 16 bits,
disp-high is absent
if mod = 10 then DISP = disp-high: disp-low
if r/m = 000 then EA = (BX) + (SI) + DISP
if r/m = 001 then EA = (BX) + (DI) + DISP
if r/m = 010 then EA = (BP) + (SI) + DISP
if r/m = 011 then EA = (BP) + (DI) + DISP
if r/m = 100 then EA = (SI) + DISP
if r/m = 101 then EA = (DI) + DISP
if r/m = 110 then EA + (BP) + DISP (Note 60)
if r/m = 111 then EA = (BX) + DISP
DISP follows 2nd byte of instruction (before data is required)
NOTE:
59. Except if mod = 00 and r/m = 110 then EQ = disp-high: disp-low.
Segment Override Prefix
reg is assigned according to the following:
REG is assigned according to the following table:
The physical addresses of all operands addressed by the BP reg-
ister are computed using the SS segment register. The physical
addresses of the destination operands of the string primitive oper-
ations (those addressed by the DI register) are computed using
the ES segment, which may not be overridden.
80C286 Machine Instruction Encoding Matrix (Continued)
mod r/mm
000
001
010
011
100
101
110
111
Immed
ADD
OR
ADC
SBB
AND
SUB
XOR
CMP
Shift
ROL
ROR
RCL
RCR
SHL/SAL
SHR
-
SAR
Grp 1
TEST
-
NOT
NEG
MUL
IMUL
DIV
IDIV
Grp 2
INC
DEC
CALL
id
CALL
l, id
JMP
id
JMP
l, id
PUSH
-
PVAM 0
SLDT
STR
LLDT
LTR
VERR
VERW
-
-
PVAM 1
SGDT
SIDT
LGDT
LIDT
SMSW
-
LMSW
-
PVAM 2
LAR
PVAM 3
LSL
PVAM 6
CLTS
b = byte operation
d = direct
f
= from CPU reg
i
= immediate
ia = immediate to AX
id = indirect
is = immediate byte sign extension
l
= long i.e., intersegment
n = 2nd byte of PVAM instruction
m = memory
r/m = EA is second byte
is
= short intrasegment
sr = segment register
t
= to CPU register
v
= variable
w
= word operation
z= zero
001
reg
110
REG
SEGMENT REGISTER
00
ES
01
CS
10
SS
11
DS
16-BIT (w = 1)
8-BIT (w = 0)
000
AX
000
AL
001
CX
001
CL
010
DX
010
DL
011
BX
011
BL
100
SP
100
AH
101
BP
101
CH
110
SI
110
DH
111
DI
111
BH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com