Electronic Components Datasheet Search
  English  ▼

X  

80C286 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C286 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 80C286 Datasheet HTML 45Page - Renesas Technology Corp 80C286 Datasheet HTML 46Page - Renesas Technology Corp 80C286 Datasheet HTML 47Page - Renesas Technology Corp 80C286 Datasheet HTML 48Page - Renesas Technology Corp 80C286 Datasheet HTML 49Page - Renesas Technology Corp 80C286 Datasheet HTML 50Page - Renesas Technology Corp 80C286 Datasheet HTML 51Page - Renesas Technology Corp 80C286 Datasheet HTML 52Page - Renesas Technology Corp 80C286 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
80C286
FN2947 Rev.3.00
Page 49 of 65
January 28, 2008
ASSUMING WORD-ALIGNED MEMORY OPERAND. IF ODD ALIGNED, 80C286 TRANSFERS TO/FROM MEMORY BYTE-AT-A-TIME WITH TWO MEMORY
CYCLES.
FIGURE 38. 80C286 PEREQ/PEACK TIMING FOR ONE TRANSFER ONLY
NOTES:
54. PEACK always goes active during the first bus operation of a processor extension data operand transfer sequence. The first bus opera-
tion will be either a memory read at operand address or I/O read at port address 00FA(H).
55. To prevent a second processor extension data operand transfer, the worst case maximum time (Shown above) is
3 x
- 12AMAX -
MIN. The actual configuration dependent, maximum time is: 3 x
- 12AMAX -
MIN + N x 2 x
. N is the
number of extra TC states added to either the first or second bus operation of the processor extension data operand transfer sequence.
FIGURE 39. INITIAL 80C286 PIN STATE DURING RESET
NOTES:
56. Setup time for RESET
 may be violated with the consideration that 1 of the processor clock may begin one system CLK period later.
57. Setup and hold times for RESET
 must be met for proper operation, but RESET  may occur during 1 or 2.
58. The data bus is only guaranteed to be in a high impedance state at the time shown.
Waveforms (Continued)
1
12A
12B
4
5
TI
2
BUS
CYCLE TYPE
VCH
CLK
VCL
1
S1
 S0
A23 - A0
M/IO,
PEACK
PEREQ
2
2
1
2
1
2
1
TS
TC
TS
TC
TI
I/O READ IF PROC. EXT. TO MEMORY
MEMORY READ IF MEMORY TO PROC. EXT.
MEMORY WRITE IF PROC. EXT. TO MEMORY
I/O WRITE IF MEMORY TO PROC. EXT.
MEMORY ADDRESS IF PROC. EXT. TO MEMORY TRANSFER I/O PORT
ADDRESS 00FA(H) IF MEMORY TO PROC. EXT. TRANSFER
I/O PORT ADDRESS 00FA(H) IF PROC. EXT. TO MEMORY TRANSFER
MEMORY ADDRESS IF MEMORY TO PROC. EXT. TRANSFER
(SEE NOTE 54)
(SEE NOTE 55)
COD INTA
1
4
1
4
1
6
7
12B
13
13
13
15
16
19
2
BUS
CYCLE TYPE
VCH
CLK
VCL
1
RESET
A23 - A0
(SEE NOTE 56)
2
1
2
1
2
1
2
UNKNOWN
UNKNOWN
UNKNOWN
UNKNOWN
UNKNOWN
S1
 S0
BHE
M/IO
COD/INTA
LOCK
DATA
HLDA
PEACK
TX
TX
TX
TI
AT LEAST
(SEE NOTE 57)
(SEE NOTE 58)
16 CLK PERIODS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com