Electronic Components Datasheet Search
  English  ▼

X  

80C286 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C286 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 80C286 Datasheet HTML 52Page - Renesas Technology Corp 80C286 Datasheet HTML 53Page - Renesas Technology Corp 80C286 Datasheet HTML 54Page - Renesas Technology Corp 80C286 Datasheet HTML 55Page - Renesas Technology Corp 80C286 Datasheet HTML 56Page - Renesas Technology Corp 80C286 Datasheet HTML 57Page - Renesas Technology Corp 80C286 Datasheet HTML 58Page - Renesas Technology Corp 80C286 Datasheet HTML 59Page - Renesas Technology Corp 80C286 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
80C286
FN2947 Rev.3.00
Page 56 of 65
January 28, 2008
AAD = ASCII Adjust for
Divide
11010101 00001010
14
14
CBW = Convert Byte to
Word
10011000
2
2
CWD = Convert Word to
Double Word
10011001
2
2
LOGIC
Shift/Rotate Instructions
Register/Memory by 1
1101000w mod TTT
r/m
2, 7
(Note 59)
2, 7
(Note 59)
29
Register/Memory by CL
1101001w mod TTT
r/m
5+n, 8+n
(Note 59)
5+n, 8+n
(Note 59)
29
Register/Memory by Count 1100000
mod TTT
r/m
count
5+n, 8+n
(Note 59)
5+n, 8+n
(Note 59)
29
TTT
Instruction
000
ROL
001
ROR
010
RCL
011
RCR
100
SHL/SAL
101
SHR
111
SAR
AND = And
Reg/Memory and Register
to
Either
001000dw mod
reg
r/m
2, 7
(Note 59)
2, 7
(Note 59)
29
Immediate
to
Regis-
ter/Memory
1000000w mod
100
r/m
data
data if w =
1
3, 7
(Note 59)
3, 7
(Note 59)
29
Immediate to Accumulator 0010010w data
data if w =
1
33
TEST = And Function to Flags, No Result
Register/Memory and Reg-
ister
1000010w mod
reg
r/m
2, 6
(Note 59)
2, 6
(Note 59)
29
80C286 Instruction Set Summary (Continued)
FUNCTION
FORMAT
CLOCK COUNT
COMMENTS
REAL
ADDRES
S
MODE
PRO-
TECTED
VIRTUAL
ADDRESS
MODE
REAL
ADDRES
S
MODE
PRO-
TECTED
VIRTUAL
ADDRESS
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com