Electronic Components Datasheet Search
  English  ▼

X  

80C286 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C286 Datasheet(HTML) 1 Page - Renesas Technology Corp

  80C286 Datasheet HTML 1Page - Renesas Technology Corp 80C286 Datasheet HTML 2Page - Renesas Technology Corp 80C286 Datasheet HTML 3Page - Renesas Technology Corp 80C286 Datasheet HTML 4Page - Renesas Technology Corp 80C286 Datasheet HTML 5Page - Renesas Technology Corp 80C286 Datasheet HTML 6Page - Renesas Technology Corp 80C286 Datasheet HTML 7Page - Renesas Technology Corp 80C286 Datasheet HTML 8Page - Renesas Technology Corp 80C286 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
FN2947 Rev.3.00
Page 1 of 65
January 28, 2008
FN2947
Rev.3.00
January 28, 2008
80C286
High Performance Microprocessor with Memory Management and Protection
DATASHEET
Features
• Compatible with NMOS 80286
• Wide Range of Clock Rates
- DC to 25MHz (80C286-25)
- DC to 20MHz (80C286-20)
- DC to 16MHz (80C286-16)
- DC to 12.5MHz (80C286-12)
- DC to 10MHz (80C286-10)
• Static CMOS Design for Low Power Operation
- ICCSB = 5mA Maximum
- ICCOP = 185mA Maximum (80C286-10)
220mA Maximum (80C286-12)
260mA Maximum (80C286-16)
310mA Maximum (80C286-20)
410mA Maximum (80C286-25)
• High Performance Processor (Up to 19 Times the 8086
Throughput)
• Large Address Space
• 16 Megabytes Physical/1 Gigabyte Virtual per Task
• Integrated Memory Management, Four-Level Memory
Protection and Support for Virtual Memory and Operat-
ing Systems
• Two 80C86 Upward Compatible Operating Modes
- 80C286 Real Address Mode
-PVAM
• Compatible with 80287 Numeric Data Co-Processor
• High Bandwidth Bus Interface (25 Megabyte/Sec)
• Available In
- 68 Pin PGA (Commercial, Industrial, and Military)
- 68 Pin PLCC (Commercial and Industrial)
Description
The Intersil 80C286 is a static CMOS version of the NMOS
80286 microprocessor. The 80C286 is an advanced, high-
performance microprocessor with specially optimized capa-
bilities for multiple user and multi-tasking systems. The
80C286 has built-in memory protection that supports operat-
ing system and task isolation as well as program and data
privacy within tasks. A 25MHz 80C286 provides up to nine-
teen times the throughput of a standard 5MHz 8086. The
80C286 includes memory management capabilities that map
230 (one gigabyte) of virtual address space per task into 224
bytes (16 megabytes) of physical memory.
The 80C286 is upwardly compatible with 80C86 and 80C88
software (the 80C286 instruction set is a superset of the
80C86/80C88 instruction set). Using the 80C286 real
address mode, the 80C286 is object code compatible with
existing 80C86 and 80C88 software. In protected virtual
address mode, the 80C286 is source code compatible with
80C86 and 80C88 software but may require upgrading to
use virtual address as supported by the 80C286’s integrated
memory management and protection mechanism. Both
modes operate at full 80C286 performance and execute a
superset of the 80C86 and 80C88 instructions.
The 80C286 provides special operations to support the effi-
cient implementation and execution of operating systems.
For example, one instruction can end execution of one task,
save its state, switch to a new task, load its state, and start
execution of the new task. The 80C286 also supports virtual
memory systems by providing a segment-not-present excep-
tion and restartable instructions.
Ordering Information
PACKAGE
TEMP. RANGE
10MHz
12.5MHz
16MHz
20MHz
25MHz
PKG. NO.
PGA
0oC to +70oC
-
CG80C286-12
CG80C286-16
CG80C286-20
-
G68.B
-40oC to +85oC
IG80C286-10
IG80C286-12
-
-
-
G68.B
-55oC to +125oC 5962-
9067801MXC
5962-
9067802MXC
---
G68.B
PLCC
0oC to +70oC
-
CS80C286-12
CS80C286-16
CS80C286-20
CS80C286-25
N68.95
-40oC to +85oC
IS80C286-10
IS80C286-12
IS80C286-16
IS80C286-20
-
N68.95


Similar Part No. - 80C286

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
High Performance Microprocessor with Memory Management and Protection
March 1997
80C286 INTERSIL-80C286 Datasheet
756Kb / 60P
High Performance Microprocessor with Memory Management and Protection
March 1997
80C286 INTERSIL-80C286 Datasheet
1Mb / 60P
High Performance Microprocessor with Memory Management and Protection
January 28, 2008
80C286/883 INTERSIL-80C286/883 Datasheet
508Kb / 13P
High Performance Microprocessor with Memory Management and Protection
March 1997
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
High Performance Microprocessor with Memory Management and Protection
March 1997
More results

Similar Description - 80C286

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
Memory Management & Block Protection Unit
logo
Intel Corporation
80960MC INTEL-80960MC Datasheet
406Kb / 39P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
M80C286 INTEL-M80C286 Datasheet
957Kb / 60P
HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
High Performance Microprocessor with Memory Management and Protection
March 1997
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
High Performance Microprocessor with Memory Management and Protection
March 1997
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
High Performance Microprocessor with Memory Management and Protection
March 1997
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
Microprocessor power management with Watchdog Timer
logo
Intersil Corporation
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
High Performance Microprocessor with Memory Management and Protection
January 28, 2008
logo
Intel Corporation
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com