Electronic Components Datasheet Search
  English  ▼

X  

80C286 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C286 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button 80C286 Datasheet HTML 37Page - Renesas Technology Corp 80C286 Datasheet HTML 38Page - Renesas Technology Corp 80C286 Datasheet HTML 39Page - Renesas Technology Corp 80C286 Datasheet HTML 40Page - Renesas Technology Corp 80C286 Datasheet HTML 41Page - Renesas Technology Corp 80C286 Datasheet HTML 42Page - Renesas Technology Corp 80C286 Datasheet HTML 43Page - Renesas Technology Corp 80C286 Datasheet HTML 44Page - Renesas Technology Corp 80C286 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
80C286
FN2947 Rev.3.00
Page 41 of 65
January 28, 2008
AC Test Conditions
AC Electrical Specifications VCC = +5V 10%, TA = 0oC to +70oC (C80C286-12), TA = -40oC to +85oC (I80C286-10, -12)
VCC = +5V 5%, TA = 0oC to +70oC (C80C286-16), TA = -40oC to +85oC (I80C286-16) AC Timings are
Referenced to 0.8V and 2.0V Points of the Signals as Illustrated in Data Sheet Waveforms, Unless Oth-
erwise Specified
SYMBOL
PARAMETER
10MHz
12.5MHz
16MHz
UNIT
TEST
CONDITION
MIN
MAX
MIN
MAX
MIN
MAX
TIMING REQUIREMENTS
1
System Clock (CLK) Period
50
-
40
-
31
-
ns
2
System Clock (CLK) LOW Time
12
-
11
-
7
-
ns
At 1.0V
3
System Clock (CLK) HIGH Time
16
-
13
-
11
-
ns
At 3.6V
17
System Clock (CLK) RISE Time
-
8
-
8
-
5
ns
1.0V to 3.6V
18
System Clock (CLK) FALL Time
-
8
-
8
-
5
ns
3.6V to 1.0V
4
Asynchronous Inputs SETUP Time
20
-
15
-
5
-
ns
(Note 29)
5
Asynchronous Inputs HOLD Time
20
-
15
-
5
-
ns
(Note 29)
6
RESET SETUP Time
19
-
10
-
10
-
ns
7
RESET HOLD Time
0
-
0
-
0
-
ns
8
Read Data SETUP Time
8
-
5
-
5
-
ns
9
Read Data HOLD Time
4
-
4
-
3
-
ns
10
READY SETUP Time
26
-
20
-
12
-
ns
11
READY HOLD Time
25
-
20
-
5
-
ns
20
Input RISE/FALL Times
-
10
-
8
-
6
ns
0.8V to 2.0V
TIMING RESPONSES
12A
Status/PEACK Active Delay
1
22
1
21
1
18
ns
1, (Notes 31, 35)
12B
Status/PEACK Inactive Delay
1
30
1
24
1
20
ns
1, (Notes 31, 34)
13
Address Valid Delay
1
35
1
32
1
27
ns
1, (Notes 30, 31)
14
Write Data Valid Delay
0
40
0
31
0
28
ns
1, (Notes 30, 31)
15
Address/Status/Data Float Delay
0
47
0
32
0
29
ns
2, (Note 33)
16
HLDA Valid Delay
0
47
0
25
0
25
ns
1, (Notes 31, 36)
19
Address Valid to Status SETUP Time
27
-
22
-
16
-
ns
1, (Notes 31, 32)
NOTES:
29. Asynchronous inputs are INTR, NMl, HOLD, PEREQ, ERROR, and BUSY. This specification is given only for testing purposes, to assure
recognition at a specific CLK edge.
30. Delay from 1.0V on the CLK to 0.8V or 2.0V.
31. Output load: CL = 100pF.
32. Delay measured from address either reaching 0.8V or 2.0V (valid) to status going active reaching 0.8V or status going inactive reaching
2.0V.
33. Delay from 1.0V on the CLK to Float (no current drive) condition.
34. Delay from 1.0V on the CLK to 0.8V for min. (HOLD time) and to 2.0V for max. (inactive delay).
35. Delay from 1.0V on the CLK to 2.0V for min. (HOLD time) and to 0.8V for max. (active delay).
36. Delay from 1.0V on the CLK to 2.0V.
TEST CONDITION
IL (CONSTANT CURRENT SOURCE)
CL
1
|2.0mA|
100pF
2-6mA (VOH to Float)
8mA (VOL to Float)
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com