Electronic Components Datasheet Search
  English  ▼

X  

80C286 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C286 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 80C286 Datasheet HTML 24Page - Renesas Technology Corp 80C286 Datasheet HTML 25Page - Renesas Technology Corp 80C286 Datasheet HTML 26Page - Renesas Technology Corp 80C286 Datasheet HTML 27Page - Renesas Technology Corp 80C286 Datasheet HTML 28Page - Renesas Technology Corp 80C286 Datasheet HTML 29Page - Renesas Technology Corp 80C286 Datasheet HTML 30Page - Renesas Technology Corp 80C286 Datasheet HTML 31Page - Renesas Technology Corp 80C286 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
80C286
FN2947 Rev.3.00
Page 28 of 65
January 28, 2008
setup time to system bus command active for any bus opera-
tion by delaying when the system bus command becomes
active. Command delay is controlled by the 82C288 CMDLY
input. After TS, the bus controller samples CMDLY at each fail-
ing edge of CLK. If CMDLY is HIGH, the 82C288 will not acti-
vate the command signal. When CMDLY is LOW, the 82C288
will activate the command signal. After the command becomes
active, the CMDLY input is not sampled.
When a command is delayed, the available response time from
command active to return read data or accept write data is
less. To customize system bus timing, an address decoder can
determine which bus operations require delaying the com-
mand. The CMDLY input does not affect the timing of ALE,
DEN or DT/R.
Figure 23 illustrates four uses of CMDLY. Example 1 shows
delaying the read command two system CLKs for cycle N-1
and no delay for cycle N, and example 2 shows delaying the
read command one system CLK for cycle N-1 and one system
CLK delay for cycle N.
FIGURE 22. BASIC BUS CYCLE
READ BUS CYCLE N
CLK
PROC
A23 - A0
S0
 S1
READY
D15 - D0
READ BUS CYCLE N + 1
TC
TS
TC
TS
TI
1
2
1
2
1
2
1
2
VALID READ
DATA (N)
VALID READ
DATA (N + 1)
VALID ADDR (N)
VALID ADDR (N + 1)
2 PCLK CYCLE TRANSFER
2.5 CLOCK CYCLE ADDRESS TO DATA VALID
2 PCLK CYCLE TRANSFER
CLK
PIPELINING: VALID ADDRESS (N + 1) AVAILABLE IN LAST PHASE OF BUS CYCLE (N).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com