Electronic Components Datasheet Search
  English  ▼

X  

80C286 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C286 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 80C286 Datasheet HTML 21Page - Renesas Technology Corp 80C286 Datasheet HTML 22Page - Renesas Technology Corp 80C286 Datasheet HTML 23Page - Renesas Technology Corp 80C286 Datasheet HTML 24Page - Renesas Technology Corp 80C286 Datasheet HTML 25Page - Renesas Technology Corp 80C286 Datasheet HTML 26Page - Renesas Technology Corp 80C286 Datasheet HTML 27Page - Renesas Technology Corp 80C286 Datasheet HTML 28Page - Renesas Technology Corp 80C286 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
80C286
FN2947 Rev.3.00
Page 25 of 65
January 28, 2008
LIMIT
BASE
0
15
23
0
CPU
TASK REGISTER
TYPE
DESCRIPTION
1
An available task state segment.
May be used as the destination
of a task switch operation.
3
A busy task state segment. Can-
not be used as the destination of
a task switch.
SYSTEM
SEGMENT
DESCRIPTOR
TR
RESERVED
P D
P
L
0 TYPE
BASE 15 - 0
LIMIT 15 - 0
BASE 23 - 16
TASK LDT SELECTOR
DS SELECTOR
SS SELECTOR
CS SELECTOR
ES SELECTOR
DI
SI
BP
SP
BX
DX
CX
AX
FLAG WORD
IP (ENTRY POINT)
SS FOR CPL 2
SP FOR CPL 2
SS FOR CPL 1
SP FOR CPL 1
SS FOR CPL 0
SP FOR CPL 0
BACK LINK SELECTOR TO TSS
42
40
38
36
34
32
30
28
26
24
22
20
18
16
14
12
10
8
6
4
2
0
CURRENT
TASK
STATE
INITIAL
STACKS
FOR CPL 0, 1, 2
BYTE
OFFSET
TASK
STATE
SEGMENT
PROGRAM INVISIBLE
15
0
15
0
P
DESCRIPTION
1
Base and Limit fields are valid.
0
Segment is not present in mem-
ory, Base and Limit are not de-
fined.
FIGURE 18. TASK STATE SEGMENT AND TSS REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com