Electronic Components Datasheet Search
  English  ▼

X  

AD9543 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9543
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9543 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9543 Datasheet HTML 29Page - Analog Devices AD9543 Datasheet HTML 30Page - Analog Devices AD9543 Datasheet HTML 31Page - Analog Devices AD9543 Datasheet HTML 32Page - Analog Devices AD9543 Datasheet HTML 33Page - Analog Devices AD9543 Datasheet HTML 34Page - Analog Devices AD9543 Datasheet HTML 35Page - Analog Devices AD9543 Datasheet HTML 36Page - Analog Devices AD9543 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
Data Sheet
AD9543
Rev. 0 | Page 33 of 66
SYSTEM CLOCK PLL
Note that throughout the System Clock PLL section, unless
otherwise specified, any referenced bits, registers, or bit fields
reside in the system clock (SYSCLK) section of the register map
(Register 0x0200 to Register 0x0209).
The system clock PLL (see Figure 39) comprises an integer-N
frequency synthesizer with a fully integrated loop filter and
voltage controlled oscillator (VCO). The VCO output is the
AD9543 system clock with a frequency range of 2250 MHz to
2415 MHz. The XOA and XOB pins constitute the input to the
system clock PLL to which a user connects a clock source or
crystal resonator.
VCO
CALIBRATION
LOCK
DETECTOR
SYSTEM
CLOCK
XOA
XTAL
DIRECT
2250MHz TO
2415MHz
XOB
2×
÷J
÷K
1, 2, 4, 8
4 TO 255
PFD,
CHARGE PUMP,
LOOP FILTER
AD9543
Figure 39. System Clock PLL Block Diagram
SYSTEM CLOCK INPUT FREQUENCY
DECLARATION
Proper operation of the AD9543 requires the user to declare
the input reference frequency to the system clock PLL. To do
so, program the SYSCLK reference frequency bit field, which
constitutes the nominal frequency of the system clock PLL
input reference. The AD9543 evaluation software frequency
planning wizard calculates this value for the user.
SYSTEM CLOCK SOURCE
The XOA and XOB pins serve as the input connection to the
system clock PLL, giving the user access to a crystal path (see
Figure 23) or a direct path (see Figure 24). Path selection is via
the enable maintaining amplifier bit, where a Logic 0 (default)
selects the direct path and Logic 1 selects the crystal path. The
optimal reference source for the system clock input is a crystal
resonator in the 50 MHz range or an ac-coupled square wave
source (single-ended or differential) with 800 mV p-p
amplitude.
Crystal Path
The crystal path supports crystal resonators in the 25 MHz to
60 MHz frequency range. An internal maintaining amplifier
provides the negative resistance required to induce oscillation. The
internal amplifier expects an AT cut, fundamental mode crystal
with a maximum motional resistance of 100 Ω for crystals up to
52 MHz, and with a maximum motional resistance of 50 Ω for
crystals up to 60 MHz. The following crystals, listed in
alphabetical order, may meet these criteria.
•
AVX/Kyocera CX3225SB
•
ECS, Inc. ECX-32
•
Epson/Toyocom TSX-3225
•
Fox FX3225BS
•
NDK NX3225SA
•
Siward SX-3225
•
Suntsu SCM10B48-49.152 MHz
Analog Devices, Inc., does not guarantee the operation of the
AD9543 with the aforementioned crystals, nor does Analog
Devices endorse one crystal supplier over another. The AD9543
reference design uses a readily available high performance
49.152 MHz crystal with low spurious content.
Direct Path
The direct path has a differential receiver with a self bias of
0.6 V dc. Generally, the presence of the bias voltage necessitates
the use of ac coupling between the external source and the XOA
and XOB pins. Furthermore, when using a 3.3 V CMOS oscillator
as the system clock PLL reference source, in addition to ac
coupling, it is important to use a voltage divider to reduce the
3.3 V swing to a maximum of 1.14 V (note that the optimal
voltage swing is 800 mV p-p). The external signal must exhibit a
50% duty cycle for best performance.
The direct path supports low frequency LVPECL, LVDS,
CMOS, or sinusoidal clock sources as a reference to the system
clock PLL. For a sinusoidal source, however, it is best to use a
frequency of 50 MHz or greater. The low slew rate of lower
frequency sinusoids tends to yield nonoptimal noise performance.
Applications requiring low DPLL loop bandwidth require the
improved stability provided by a TCXO or OCXO. Loop
bandwidths below approximately 50 Hz may prevent the PLL
from locking or cause random loss of lock events when using a
less stable PLL reference source.
Although one method to mitigate this problem is to use a high
stability system clock source (such as, an OCXO), the AD9543
provides an integrated system clock compensation capability,
which lessens the stability requirements of the system clock
while providing the outstanding phase noise of the higher
frequency crystal. To use this feature, connect a 40 MHz to
60 MHz crystal to the XOA/XOB pins (as in Figure 23) and
connect either a TCXO or OCXO to either an unused reference
input or an Mx pin (as shown in Figure 24).
2× FREQUENCY MULTIPLIER
The system clock PLL provides the user with the option of
doubling the reference frequency via the enable SYSCLK
doubler bit. Doubling the input reference frequency potentially
reduces the PLL in band noise. The reference frequency must be
less than 150 MHz when using the 2× frequency multiplier to
satisfy the 300 MHz maximum PFD rate. Furthermore, the 2×
frequency multiplier requires the reference input signal to have
very near to 50% duty cycle; otherwise, the resulting spurious
content may prevent the system clock PLL from locking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com