Electronic Components Datasheet Search
  English  ▼

X  

AD9543 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9543
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9543 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9543 Datasheet HTML 20Page - Analog Devices AD9543 Datasheet HTML 21Page - Analog Devices AD9543 Datasheet HTML 22Page - Analog Devices AD9543 Datasheet HTML 23Page - Analog Devices AD9543 Datasheet HTML 24Page - Analog Devices AD9543 Datasheet HTML 25Page - Analog Devices AD9543 Datasheet HTML 26Page - Analog Devices AD9543 Datasheet HTML 27Page - Analog Devices AD9543 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
AD9543
Data Sheet
Rev. 0 | Page 24 of 66
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
input
the input can be LVDS or single-ended 1.8 V CMOS.
48
RESETB
Input
1.8 V CMOS
logic
Active Low Chip Reset. This pin has an internal 100 kΩ pull-up resistor.
When asserted, the chip goes into reset. Changes to the VDDIOA supply
voltage affect the VIH values for this pin.
EP
EPAD
Output
Exposed
pad
Exposed Pad. The exposed pad is the ground connection on the chip.
The exposed pad must be soldered to the analog ground of the PCB to
ensure proper functionality and for heat dissipation, noise, and
mechanical strength benefits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com