Electronic Components Datasheet Search
  English  ▼

X  

AD9543 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9543
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9543 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9543 Datasheet HTML 39Page - Analog Devices AD9543 Datasheet HTML 40Page - Analog Devices AD9543 Datasheet HTML 41Page - Analog Devices AD9543 Datasheet HTML 42Page - Analog Devices AD9543 Datasheet HTML 43Page - Analog Devices AD9543 Datasheet HTML 44Page - Analog Devices AD9543 Datasheet HTML 45Page - Analog Devices AD9543 Datasheet HTML 46Page - Analog Devices AD9543 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
Data Sheet
AD9543
Rev. 0 | Page 43 of 66
MULTIFUNCTION PINS AT RESET/POWER-UP
At power-up or in response to a reset operation, the Mx pins
enter a special operating mode. For a brief interval following a
power-up or reset operation, the Mx pins function only as
inputs (the internal drivers enter a high impedance state during
a power-up/reset operation). During this brief interval, the
device latches the logic levels at the Mx inputs and uses this
information to autoconfigure the device accordingly. The Mx
pins remain high-Z until either an EEPROM operation occurs,
in which case M1 or M2 become an I2C master, or the user (or
EEPROM) programs them to be outputs.
If the user does not connect external pull-up/pull-down resistors
to the Mx pins, the M3 and M4 pins have internal pull-down
resistors to ensure a predictable start-up configuration. In the
absence of external resistors, the internal pull-down resistors
ensure that the device starts up with the serial port in SPI mode
and without automatically loading data from an external EEPROM
(see Table 27). Although the M0, M1, M2, M5, and M6 pins are
high impedance at startup, connect external 100 kΩ pull-down
or pull-up resistors to these pins to ensure robust operation.
The Mx pin start-up conditions are shown in Table 27. M0, M1,
and M2 are excluded from Table 27 because these pins have no
explicit function during a power-up or reset operation.
Table 27. Mx Pin Function at Startup or Reset
Mx
Pin
Startup/Reset
Function
Logic 1
Logic 0
M3
EEPROM load
function
Load from
EEPROM
Do not load from
EEPROM (default)
M4
Serial port
function
I²C mode
SPI mode
(default)
M5
I2C address offset
See Table 28
See Table 28
M6
I2C address offset
See Table 28
See Table 28
When the start-up conditions select the serial port to be I2C
mode (that is, M4 is Logic 1 at startup), the M5 and M6 pins
determine the I2C port device address offset per Table 28. Note
that the logic levels in Table 28 only apply during a power-up or
reset operation.
Table 28. I²C Device Address Offset
M6
M5
M4
Address Offset
X1
X1
0
Not applicable
0
0
1
1001000 (0x48)
0
1
1
1001001 (0x49)
1
0
1
1001010 (0x4A)
1
1
1
1001011 (0x4B)
1 X means don’t care.
STATUS FUNCTIONALITY
Configuring an Mx pin as a status pin gives the user access to
specific internal device status/IRQ functions in the form of a
hardware pin that produces a logic signal. Each Mx pin has a
corresponding Mx function register. To assign an Mx pin as a
status pin, write a Logic 1 to the Mx output enable bit in the
corresponding Mx pin function register.
To assign a specific status/IRQ function to an Mx pin configured
as a status pin, program the appropriate 7-bit code (see Table 31)
to Bits[D6:D0] of the corresponding Mx function register.
See the Interrupt Request (IRQ) section for details regarding
IRQ functionality.
When configured as a status pin, the output mode of an Mx pin
depends on a 2-bit mode code per Table 29. The 2-bit codes reside
in Register 0x0100 through Register 0x0101, where the 2-bit
codes constitute the Mx receiver/driver bit fields. Note that the
Mx receiver/driver bit fields perform a different function when
the Mx pin is a control pin (see the Control Functionality
section).
Table 29. Mx Receiver/Driver Bit Field Codes for Mx Status Pins
Code
Mode
Description
00
CMOS,
active high
Output is Logic 0 when deasserted and
Logic 1 when asserted (default operating
mode).
01
CMOS,
active low
Output is Logic 1 when deasserted and
Logic 0 when asserted.
10
PMOS,
open drain
Output is high impedance when deasserted
and active high when asserted.
11
NMOS,
open drain
Output is high impedance when deasserted
and active low when asserted.
The PMOS open-drain mode requires an external pull-down
resistor. The NMOS open-drain mode requires an external
pull-up resistor. Note that the open-drain modes enable the
implementation of wire-OR’ed functionality of multiple Mx
status pins (including Mx status pins across multiple AD9543
devices or other compatible devices—for example, to
implement an IRQ bus).
The drive strength of an Mx status pin is programmable via the
corresponding Mx configuration bits (Bits[D6:D0] of the pin
drive strength register). Logic 0 (default) selects normal drive
strength (~6 mA) and Logic 1 selects weak drive strength (~3 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com