Electronic Components Datasheet Search
  English  ▼

X  

AD9543 Datasheet(PDF) 53 Page - Analog Devices

Part # AD9543
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9543 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9543 Datasheet HTML 49Page - Analog Devices AD9543 Datasheet HTML 50Page - Analog Devices AD9543 Datasheet HTML 51Page - Analog Devices AD9543 Datasheet HTML 52Page - Analog Devices AD9543 Datasheet HTML 53Page - Analog Devices AD9543 Datasheet HTML 54Page - Analog Devices AD9543 Datasheet HTML 55Page - Analog Devices AD9543 Datasheet HTML 56Page - Analog Devices AD9543 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
Data Sheet
AD9543
Rev. 0 | Page 53 of 66
PHASE STEP DETECTOR
PHASE STEP LIMIT
Although the AD9543 has the ability to switch between multiple
reference inputs, some applications use only one input and handle
reference switching externally (see Figure 51). Unfortunately,
this arrangement forfeits the ability of the AD9543 to mitigate
the output disturbance associated with a reference switchover,
because the reference switchover is not under the control of the
AD9543. However, the AD9543 offers a phase transient threshold
detection feature to help identify when an external reference
switchover occurs and to act accordingly.
AD9543
REF_X
REFERENCE 1
REFERENCE 2
SWITCHOVER
CONTROL
Figure 51. External Reference Switching
Phase transient threshold detection works by monitoring the
output of the DPLL phase detector for phase transients, but in a
manner that is somewhat jitter tolerant. Otherwise, the phase
transient threshold detector is prone to false positives.
To activate the phase transient threshold detection, program the
32-bit unsigned Profile x phase step threshold bit field (where x
is a value from 0 through 7, corresponding to a particular
source profile). The default value is zero, which disables the phase
transient threshold detector. A nonzero value denotes the
desired phase step threshold in units of picoseconds per the
following equation:
Phase Step Threshold = Profile x Phase Step Threshold × 10−12
Note that the phase transient threshold detector is not active
unless the DPLL indicates frequency locked status.
As an example, determine the value of the Profile x phase step
threshold bit field necessary for a 12 ns limit. Solving the
previous equation for the phase step limit yields
Profile x Phase Step Threshold = (12 × 10−9
)/10−12
= 12,000
= 0x00002EE0 (hexadecimal)
To reduce the likelihood of jitter induced threshold violations,
choose a phase step threshold of at least two times the expected
rms jitter (σJITTER) associated with the input reference signal.
Profile x Phase Step Threshold ≥ 2 × σJITTER
As such, in the previous example with Profile x phase step
threshold = 12,000, an input signal with 12 ns rms jitter is likely
to produce false positives because the signal violates the
previously described inequality. To reduce the likelihood of a
false positive, the inequality indicates Profile x phase step
threshold = 24,000 is a better choice. In fact, even with a value
of 24,000, there is still a slight probability of a jitter sample
exceeding 2 × σJITTER. As such, scaling σJITTER by four to six is an
even better choice.
When a phase transient occurs that exceeds the prescribed
value, one or both of the following two events occurs, depending
on the state of the enable step detect reference fault bit in the
operational control Channel 0 and Channel 1 (DPLL0 and
DPLL1) sections of the register map:
•
Logic 0: the DPLL initiates a new acquisition sequence.
•
Logic 1: the reference monitor is reset.
When the enable step detect reference fault bit is Logic 0
(default), detection of a phase step causes only the first event
to occur. By initializing a new DPLL acquisition sequence,
the DPLL can take advantage of the fast acquisition feature,
assuming it is active, which is especially helpful for very low loop
bandwidth applications. In addition, a new acquisition manages
the impact of the phase step by either building out the phase or
slewing to the new phase in a hitless manner.
When the enable step detect reference fault bit is Logic 1,
detection of a phase step causes both events to occur. Because
exceeding the phase step threshold in this case implies an
external switch to a new reference, resetting the reference
monitor forces it to establish new reference statics.
The phase transient threshold detector provides the user with a
live status bit in the status readback PLLx section of the register
map, as well as a latched status bit in the IRQ map DPLLx read
section of the register map. The DPLLx phase step detect bit
(where x is 0 or 1) latches to Logic 1 on threshold violation of
the phase transient threshold detector. Because this is a latched
bit, the user must clear it via the IRQ map DPLLx clear section
of the register map to obtain visibility of subsequent threshold
violations detected by the phase step detector.
Mitigating Phase Step Limit False Positives
When enabled, the phase transient threshold detector operates
continuously, as long as the associated reference is the active
reference for the DPLL (DPLL0 or DPLL1, assuming the DPLL
is frequency locked. As such, any phase disturbance at the
input to the phase detector of the DPLL is subject to violating
the threshold of the phase transient threshold detector. This
violation includes a user induced phase adjustment via the
DPLLx phase offset bit field or the Profile x phase skew bit field.
To mitigate false triggering of the phase transient threshold
detector (when enabled) due to intentional phase adjustments,
the user can employ the phase slew rate limiter DPLL.
The following formula relates the maximum phase slew rate
(MPSR) necessary to prevent inadvertent triggering of the
phase transient threshold detector:
MPSR = (P + F)/7
where:
P is the phase transient threshold detector limit (in
picoseconds).
F is the frequency (in Hz) at the input of the DPLL phase
detector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com