Electronic Components Datasheet Search
  English  ▼

X  

AD9543 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9543
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9543 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9543 Datasheet HTML 23Page - Analog Devices AD9543 Datasheet HTML 24Page - Analog Devices AD9543 Datasheet HTML 25Page - Analog Devices AD9543 Datasheet HTML 26Page - Analog Devices AD9543 Datasheet HTML 27Page - Analog Devices AD9543 Datasheet HTML 28Page - Analog Devices AD9543 Datasheet HTML 29Page - Analog Devices AD9543 Datasheet HTML 30Page - Analog Devices AD9543 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
Data Sheet
AD9543
Rev. 0 | Page 27 of 66
0
100
200
300
400
500
600
700
800
0
0.2
0.4
0.6
0.8
1.0
TIME (Seconds)
1.2
1.4
1.6
1.8
2.0
7.5mA MODE
15mA MODE
Figure 15. DC-Coupled, Single-Ended, 1 Hz Output Waveforms Using HCSL
7.5 mA and 15 mA Mode Terminated 50 Ω to GND per Figure 38;
Slew Rate: ~7 V/ns for 15 mA Mode; ~3.5 V/ns for 7.5 mA Mode
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
400
TIME (μs)
HCSL, 7.5mA (SLEW RATE ~2.4V/ns)
CML, 7.5mA (SLEW RATE ~2.7V/ns)
HCSL, 15mA (SLEW RATE ~5.4V/ns)
CML, 15mA (SLEW RATE ~6V/ns)
Figure 16. 8 kHz Output Waveforms for Various Driver Settings;
HCSL Drivers Terminated 50 Ω to GND per Figure 32;
CML Drivers Terminated 50 Ω to 1.8 V per Figure 33
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
HCSL, 7.5mA, 10MHz
CML, 7.5mA, 10MHz
HCSL, 15mA, 10MHz
CML, 15mA, 10MHz
Figure 17. 10 MHz Output Waveforms for Various Driver Settings;
HCSL Drivers Terminated 50 Ω to GND per Figure 32;
CML Drivers Terminated 50 Ω to 1.8 V per Figure 33
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
6
7
8
9
10
TIME (ns)
HCSL, 15mA
CML, 15mA
Figure 18. 245.76 MHz Output Waveform for 15 mA Driver Settings;
HCSL Drivers Terminated 50 Ω to GND per Figure 32;
CML Drivers Terminated 50 Ω to 1.8 V per Figure 33
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
6
7
8
9
10
TIME (ns)
HCSL, 15mA
CML, 15mA
Figure 19. 491.52 MHz Output Waveform for15 mA Driver Settings;
HCSL Drivers Terminated 50 Ω to GND per Figure 32;
CML Drivers Terminated 50 Ω to 1.8 V per Figure 33
0
200
400
600
800
1000
1200
1400
1600
1800
2000
1
10
100
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
CML, DIFFERENTIAL, 15mA
CML, DIFFERENTIAL, 12.5mA
CML, DIFFERENTIAL, 7.5mA
HCSL, DIFFERENTIAL, 15mA
HCSL, DIFFERENTIAL, 12.5mA
HCSL, DIFFERENTIAL, 7.5mA
Figure 20. Differential Output Amplitude Waveforms;
HCSL Drivers Terminated 50 Ω to GND per Figure 32;
CML Drivers Terminated 50 Ω to 1.8 V per Figure 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com